Electronic Components Datasheet Search |
|
AS1130B-BWLT Datasheet(PDF) 6 Page - ams AG |
|
AS1130B-BWLT Datasheet(HTML) 6 Page - ams AG |
6 / 39 page www.austriamicrosystems.com/LED-Driver-ICs/AS1130 Revision 1.07 5 - 38 AS1130 Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s Note: The Min / Max values of the Timing Characteristics are guaranteed by design. Table 4. Logic Inputs/Outputs Characteristics Symbol Parameter Conditions Min Typ Max Unit IIH, IIL Logic Input Current VIN = 0V or VDD -1 1 A VIH CMOS Logic High Input Voltage 0.7 x VDD V VIL CMOS Logic Low Input Voltage 0.3 x VDD V ∆VI CMOS Hysteresis Voltage 0.3 V VIH Mobile Logic High Input Voltage 1 1.6 V VIL Mobile Logic Low Input Voltage 1 0.6 V ∆VI Hysteresis Voltage 1 0.1 V VOL(SDA) SDA Output Low Voltage ISINK = 3mA 0.4 V VOL(IRQ) IRQ Output Low Voltage ISINK = 3mA 0.4 V VOL(SYNC_ OUT) Sync Clock Output Low Voltage ISINK = 1mA 0.4 V VOH(SYNC _OUT) Sync Clock Output High Voltage ISOURCE = 1mA VDD-0.4 V Capacitive Load for Each Bus Line 400 pF 1. available on request, See Ordering Information on page 37 Table 5. I²C Timing Characteristics Symbol Parameter Conditions Min Typ Max Unit fSCL SCL Frequency 100 1000 kHz tBUF Bus Free Time Between STOP and START Conditions 1.3 s tHOLDSTART Hold Time for Repeated START Condition 260 ns tLOW SCL Low Period 500 ns tHIGH SCL High Period 260 ns tSETUPSTART Setup Time for Repeated START Condition 260 ns tSETUPDATA Data Setup Time 100 ns tHOLDDATA Data Hold Time 70 ns tRISE(SCL) SCL Rise Time 120 ns tRISE(SCL1) SCL Rise Time after Repeated START Condition and After an ACK Bit 120 ns tFALL(SCL) SCL Fall Time 120 ns tRISE(SDA) SDA Rise Time 120 ns tFALL(SDA) SDA Fall Time 120 ns tSETUPSTOP STOP Condition Setup Time 260 ns tSPIKESUP Pulse Width of Spike Suppressed 6 ns |
Similar Part No. - AS1130B-BWLT |
|
Similar Description - AS1130B-BWLT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |