Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1130C-BWLT Datasheet(PDF) 3 Page - ams AG

Part # AS1130C-BWLT
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1130C-BWLT Datasheet(HTML) 3 Page - ams AG

  AS1130C-BWLT Datasheet HTML 1Page - ams AG AS1130C-BWLT Datasheet HTML 2Page - ams AG AS1130C-BWLT Datasheet HTML 3Page - ams AG AS1130C-BWLT Datasheet HTML 4Page - ams AG AS1130C-BWLT Datasheet HTML 5Page - ams AG AS1130C-BWLT Datasheet HTML 6Page - ams AG AS1130C-BWLT Datasheet HTML 7Page - ams AG AS1130C-BWLT Datasheet HTML 8Page - ams AG AS1130C-BWLT Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
2 - 38
AS1130
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
20-pin WL-CSP
28-pin SSOP
A3
1, 7, 14, 22, 28
GND
Ground
C3
13
RSTN
Reset Input. Pull this pin to logic low to reset all control registers (set to default
values). For normal operation pull this pin to VDD.
D1
17
ADDR
I²C Address. Connect to external resistor for I²C address selection. Up to 8
devices can be connected on one bus. (see Table 6 on page 12)
D2
16
SDA
Serial-Data I/O. Open drain digital I/O I²C data pin.
D3
15
SCL
Serial-Clock Input
B3
3, 10, 18, 19, 26
VDD
Positive Supply Voltage. Connect to a +2.7V to +5.5V supply. Bypass this pin
with 10 F capacitance to GND.
D4
12
SYNC
Synchronization Clock Input or Output. The SYNC frequency for Input and
Output is 1MHz. For SYNC_OUT the frequency can be reduced to 32kHz.
D5
11
IRQ
Interrupt Request. Programmable Open drain digital Output. It can be set via
an register after which event (Interface Timeout, POK, CP_Request, Error
Detection, End of Frame or End of Movie) the pin triggers an Interrupt Request.
A1, A2, A4, A5,
B1, B2, B4, B5,
C1, C2, C4, C5
25, 27, 2, 4,
23, 24, 5, 6,
21, 20, 9, 8
CS0, CS1, CS6, CS7,
CS2, CS3, CS8, CS9,
CS4, CS5, CS10, CS11
Sinks and Sources for 132 LEDs.
20-pin WL-CSP
28-pin SSOP


Similar Part No. - AS1130C-BWLT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
AS1130 AMSCO-AS1130_V01 Datasheet
1Mb / 66P
   132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1130C-BWLT

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
logo
ams AG
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
AS1720 AMSCO-AS1720 Datasheet
603Kb / 12P
   Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
   Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams AG
AS1122 AMSCO-AS1122 Datasheet
4Mb / 23P
   12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
Mean Well Enterprises C...
HRP-150N MEANWELL-HRP-150N Datasheet
161Kb / 5P
   150W Single Output wi th PFC Funct ion
logo
ams AG
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
   64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
   64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com