Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1312-BTDT-50 Datasheet(PDF) 1 Page - ams AG

Part # AS1312-BTDT-50
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312-BTDT-50 Datasheet(HTML) 1 Page - ams AG

  AS1312-BTDT-50 Datasheet HTML 1Page - ams AG AS1312-BTDT-50 Datasheet HTML 2Page - ams AG AS1312-BTDT-50 Datasheet HTML 3Page - ams AG AS1312-BTDT-50 Datasheet HTML 4Page - ams AG AS1312-BTDT-50 Datasheet HTML 5Page - ams AG AS1312-BTDT-50 Datasheet HTML 6Page - ams AG AS1312-BTDT-50 Datasheet HTML 7Page - ams AG AS1312-BTDT-50 Datasheet HTML 8Page - ams AG AS1312-BTDT-50 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
1 - 20
A S 1 3 1 2
U l t r a L o w Q u i e s c e n t C u r r e n t , H y s t e r e t i c D C - D C S t e p - U p C o n v e r t e r
1 General Description
The AS1312 is an ultra low IQ hysteretic step-up DC-DC converter.
The AS1312 achieves an efficiency of up to 94% and is designed to
operate from a +0.7V to +5.0V supply, the output voltage is fixed in
50mV steps from +2.5V to 5.0V.
In order to save power the AS1312 features a shutdown mode,
where it draws less than 100nA. In shutdown mode the battery is not
connected to the output.
If the input voltage exceeds the output voltage the device is in a
feedthrough mode and the input is directly connected to the output
voltage.
In light load operation, the device enters a sleep mode when most of
the internal operating blocks are turned off in order to save power.
This mode is active approximately 50µs after a current pulse
provided that the output is in regulation.
The AS1312 also offers an adjustable low battery detection. If the
battery voltage decreases below a threshold defined by two external
resistors on pin LBI, the LBO output is pulled to logic low. LBO is
working as Power-OK when LBI is connected to GND.
The AS1312 is available in a 8-pin (2x2) TDFN and a 0.4mm pitch 8-
pin WL-CSP package.
Figure 1. AS1312 - Typical Application Diagram
2 Key Features
Input voltage range: 0.7V to 5.0V
Fixed output voltage range: 2.5V to 5.0V
Peak output current: 200mA
Quiescent current: 1µA
Shutdown current: < 100nA
Up to 94% efficiency
Output disconnect in shutdown
Feedthrough mode when VIN > VOUT
Adjustable low battery detection or Power-OK output selectable
No external diode or transistor required
Over temperature protection
Packages:
- 8-pin (2x2) TDFN
- 8-pin WL-CSP with 0.4mm pitch
3 Applications
The AS1312 is an ideal solution for handheld devices and battery
powered products.
VIN
0.7V to 5.0V
AS1312
C2 = 10µF
C1 = 22µF
GND
VOUT
2.5V to 5.0V
EN
VIN
VOUT
LBO
LBI
On
Off
R1
R2
L1 = 6.8µH
LX
R3
Low Battery Detect
CREF = 100nF
REF


Similar Part No. - AS1312-BTDT-50

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results

Similar Description - AS1312-BTDT-50

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS7620 AMSCO-AS7620_13 Datasheet
637Kb / 16P
   650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
   1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1329 AMSCO-AS1329_13 Datasheet
862Kb / 20P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1322 AMSCO-AS1322_13 Datasheet
827Kb / 18P
   Low Vol tage, Micropower, DC-DC Step-Up Conver ters
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com