Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1323 Datasheet(PDF) 8 Page - ams AG

Part # AS1323
Description  1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 8 Page - ams AG

Back Button AS1323_04 Datasheet HTML 4Page - ams AG AS1323_04 Datasheet HTML 5Page - ams AG AS1323_04 Datasheet HTML 6Page - ams AG AS1323_04 Datasheet HTML 7Page - ams AG AS1323_04 Datasheet HTML 8Page - ams AG AS1323_04 Datasheet HTML 9Page - ams AG AS1323_04 Datasheet HTML 10Page - ams AG AS1323_04 Datasheet HTML 11Page - ams AG AS1323_04 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1323
Revision 1.07
7 - 14
AS1323
Datasheet - Ty pical Operating Characteristics
Figure 15. Output Current vs. Input Voltage
Figure 16. SHDNN Threshold vs. Input Voltage
20
30
40
50
60
70
80
90
100
110
0.75
1
1.25
1.5
1.75
2
Input Voltage (V)
VOUT = 2.7V
VOUT = 3.3V
VOUT = 3.0V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.8
1
1.2
1.4
1.6
1.8
2
Input Voltage (V)
Figure 17. Switching Waveform; VOUT = 2.7V
Figure 18. Switching Waveform; VOUT = 3.0V
200µs/Div
200µs/Div
Figure 19. Switching Waveform; VOUT = 3.3V
200µs/Div


Similar Part No. - AS1323_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323-27 AMSCO-AS1323-27 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
AS1323-27 AMSCO-AS1323-27 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-30 AMSCO-AS1323-30 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
AS1323-30 AMSCO-AS1323-30 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-33 AMSCO-AS1323-33 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
More results

Similar Description - AS1323_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Linear Technology
LTC3130EUD-1 LINER-LTC3130EUD-1 Datasheet
558Kb / 6P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130 LINER-LTC3130 Datasheet
1Mb / 38P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130EUD LINER-LTC3130EUD Datasheet
330Kb / 6P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
logo
Linear Technology
LTC3103EDD LINER-LTC3103EDD Datasheet
283Kb / 6P
   1.8關A Quiescent Current, 15V, 300mA Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com