Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1323 Datasheet(PDF) 11 Page - ams AG

Part # AS1323
Description  1.6關A Quiescent Current, Single Cell, DC-DC Step-up Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1323 Datasheet(HTML) 11 Page - ams AG

Back Button AS1323_04 Datasheet HTML 7Page - ams AG AS1323_04 Datasheet HTML 8Page - ams AG AS1323_04 Datasheet HTML 9Page - ams AG AS1323_04 Datasheet HTML 10Page - ams AG AS1323_04 Datasheet HTML 11Page - ams AG AS1323_04 Datasheet HTML 12Page - ams AG AS1323_04 Datasheet HTML 13Page - ams AG AS1323_04 Datasheet HTML 14Page - ams AG AS1323_04 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1323
Revision 1.07
10 - 14
AS1323
Datasheet - Application In form atio n
9.3 Capacitor Selection
Choose input and output capacitors to supply the input and output peak currents with acceptable
voltage ripple. The input filter capacitor
(CIN) reduces peak currents drawn from the battery and improves efficiency. Low equivalent series resistance (ESR) capacitors are
recommended.
Note:
Ceramic capacitors have the lowest ESR, but low ESR tantalum or polymer capacitors offer a good balance between cost and perfor-
mance.
Output voltage ripple has two components: variations in the charge stored in the output capacitor with each COIL pulse, and the voltage drop
across the capacitor’s ESR caused by the current into and out of the capacitor:
VRIPPLE = VRIPPLE(C) + VRIPPLE(ESR)
(EQ 4)
VRIPPLE(ESR) = IPEAK RESR(COUT)
(EQ 5)
Where:
IPEAK is the peak inductor current.
For ceramic capacitors, the output voltage ripple is
typically dominated by VRIPPLE(C). For example, a 10µF ceramic capacitor and a 10µH
inductor typically provide 75mV of output ripple when stepping up from 1.2V to 3.3V at 50mA. Low input-to-output voltage differences require
higher output capacitor values.
Capacitance and ESR variation of temperature should be considered for best performance in applications with wide operating temperature
ranges.
9.4 PC Board Layout Considerations
The AS1323 has been specially designed to be tolerant to PC board parasitic inductances and resistances. However, to achieve maximum
efficiency a careful PC board layout and component selection is vital.
Note:
For the optimal performance, the IC’s VSS and the ground leads of the input and output capacitors must be kept less than 5mm apart
using a ground plane. In addition, keep all connections to COIL as short as possible.
The system robustness guarantees a reliable operation even if those recommendations are not fully applied.
VRIPPLE C
()
1
2
---
L
VOUT
VBATT
() COUT
--------------------------------------------------------------
⎝⎠
⎛⎞
IPEAK
2
IOUT
2
()
⋅⋅
(EQ 6)


Similar Part No. - AS1323_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323-27 AMSCO-AS1323-27 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
AS1323-27 AMSCO-AS1323-27 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-30 AMSCO-AS1323-30 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
AS1323-30 AMSCO-AS1323-30 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323-33 AMSCO-AS1323-33 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
More results

Similar Description - AS1323_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Linear Technology
LTC3130EUD-1 LINER-LTC3130EUD-1 Datasheet
558Kb / 6P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130 LINER-LTC3130 Datasheet
1Mb / 38P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
LTC3130EUD LINER-LTC3130EUD Datasheet
330Kb / 6P
   25V, 600mA Buck-Boost DC/DC Converter with 1.6關A Quiescent Current
logo
ams AG
AS1310 AMSCO-AS1310_V01 Datasheet
399Kb / 30P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310_12 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
   Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
logo
Linear Technology
LTC3103EDD LINER-LTC3103EDD Datasheet
283Kb / 6P
   1.8關A Quiescent Current, 15V, 300mA Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com