Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1324-BTTT-15 Datasheet(PDF) 11 Page - ams AG

Part # AS1324-BTTT-15
Description  1.5MHz, 600mA Synchronous DC/DC Conver ter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1324-BTTT-15 Datasheet(HTML) 11 Page - ams AG

Back Button AS1324-BTTT-15 Datasheet HTML 7Page - ams AG AS1324-BTTT-15 Datasheet HTML 8Page - ams AG AS1324-BTTT-15 Datasheet HTML 9Page - ams AG AS1324-BTTT-15 Datasheet HTML 10Page - ams AG AS1324-BTTT-15 Datasheet HTML 11Page - ams AG AS1324-BTTT-15 Datasheet HTML 12Page - ams AG AS1324-BTTT-15 Datasheet HTML 13Page - ams AG AS1324-BTTT-15 Datasheet HTML 14Page - ams AG AS1324-BTTT-15 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.ams.com/DC-DC_Step-Up/AS1324
Revision 1.06
11 - 21
AS1324
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 25. Single Li-Ion 1.8V/600mA Regulator for Low Output Ripple
9.1 External Component Selection
9.2 Inductor Selection
For most applications the value of the external inductor should be in the range of 2.2 to 6.8µH as the inductor value has a direct effect on the
ripple current. The selected inductor must be rated for its DC resistance and saturation current. The inductor ripple current (
∆IL) decreases with
higher inductance and increases with higher VIN or VOUT.
In Equation (EQ 2) the maximum inductor current in PWM mode under static load conditions is calculated. The saturation current of the inductor
should be rated higher than the maximum inductor current as calculated with Equation (EQ 3). This is recommended because the inductor
current will rise above the calculated value during heavy load transients.
Where:
f = Switching Frequency (1.5 MHz typical)
L = Inductor Value
ILmax = Maximum Inductor current
IL = Peak to Peak inductor ripple current
The recommended starting point for setting ripple current is
IL = 240mA (40% of 600mA).
The DC current rating of the inductor should be at least equal to the maximum load current plus half the ripple current to prevent core saturation.
Thus, a 720mA rated inductor should be sufficient for most applications (600mA + 120mA). A easy and fast approach is to select the inductor
current rating fitting to the maximum switch current limit of the converter.
Note:
For highest efficiency, a low DC-resistance inductor is recommended.
Accepting larger values of ripple current allows the use of low inductance values, but results in higher output voltage ripple, greater core losses,
and lower output current capability.
The total losses of the coil have a strong impact on the efficiency of the dc/dc conversion and consist of both the losses in the dc resistance and
the following frequency-dependent components:
1. The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
2. Additional losses in the conductor from the skin effect (current displacement at high frequencies)
3. Magnetic field losses of the neighboring windings (proximity effect)
4. Radiation losses
COUT
22µF
CIN
10µF
VOUT
1.8V
600mA
4.7µH
VIN
2.7 to 4.2V
AS1324-18
3
SW
4
VIN
1
EN
5
VOUT
GND
2
(EQ 2)
∆I
L
V
OUT
1
V
OUT
V
IN
--------------
L
f
×
------------------------
×
=
(EQ 3)
I
LMAX
I
OUT MAX
∆I
L
2
--------
+
=


Similar Part No. - AS1324-BTTT-15

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1324-BTTT-15 AMSCO-AS1324-BTTT-15 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
More results

Similar Description - AS1324-BTTT-15

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Linear Technology
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
ams AG
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
   4MHz, Low Vol tage, DC-DC Step-Up Conver ter
logo
Leshan Radio Company
LR8506 LRC-LR8506 Datasheet
472Kb / 10P
   1.5MHz 600mA Synchronous
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com