Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1326A-BTDR Datasheet(PDF) 8 Page - ams AG

Part # AS1326A-BTDR
Description  High Current, 0.8A DC-DC Step-Up Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326A-BTDR Datasheet(HTML) 8 Page - ams AG

Back Button AS1326A-BTDR Datasheet HTML 4Page - ams AG AS1326A-BTDR Datasheet HTML 5Page - ams AG AS1326A-BTDR Datasheet HTML 6Page - ams AG AS1326A-BTDR Datasheet HTML 7Page - ams AG AS1326A-BTDR Datasheet HTML 8Page - ams AG AS1326A-BTDR Datasheet HTML 9Page - ams AG AS1326A-BTDR Datasheet HTML 10Page - ams AG AS1326A-BTDR Datasheet HTML 11Page - ams AG AS1326A-BTDR Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
7 - 18
AS1326
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Startup Voltage vs. Output Current
Figure 10. Peak Inductor Current vs. VISET
Figure 11. Light-Load Switching Waveform
Figure 12. Heavy-Load Switching Waveform
IOUT = 10mA, CLK/SEL = OUT
IOUT = 500mA
Figure 13. Line-Transient Response. VIN =2.4 to 1.4V,
Figure 14. Noise Spectrum
IOUT = 200mA
CLK/SEL = OUT
0.5
1
1.5
2
2.5
1
10
100
1000
Output Current (mA)
+85°C
-40°C
+25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VISET (V)
500ns/Div
500ns/Div
500ns/Div
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (MHz)
0.2
1
10
20


Similar Part No. - AS1326A-BTDR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1326A-BTDR AMSCO-AS1326A-BTDR Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326A-BTDR AMSCO-AS1326A-BTDR Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
More results

Similar Description - AS1326A-BTDR

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1326 AMSCO-AS1326 Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
AS1326 AMSCO-AS1326_1 Datasheet
1Mb / 18P
   High Current, 0.8A DC-DC Step-Up Converters
logo
Torex Semiconductor
XC9141 TOREX-XC9141 Datasheet
1Mb / 30P
   Load Disconnection Function, 0.8A Step-up DC/DC Converters
logo
List of Unclassifed Man...
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
XC9145 TOREX-XC9145 Datasheet
1Mb / 28P
   400nA Ultra-Low Quiescent, 0.8A, PWM/PFM Step-up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com