Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1339 Datasheet(PDF) 3 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 3 Page - ams AG

  AS1339_04 Datasheet HTML 1Page - ams AG AS1339_04 Datasheet HTML 2Page - ams AG AS1339_04 Datasheet HTML 3Page - ams AG AS1339_04 Datasheet HTML 4Page - ams AG AS1339_04 Datasheet HTML 5Page - ams AG AS1339_04 Datasheet HTML 6Page - ams AG AS1339_04 Datasheet HTML 7Page - ams AG AS1339_04 Datasheet HTML 8Page - ams AG AS1339_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1339
Revision 1.05
2 - 25
AS1339
Datasheet - P i n o u t
4 Pinout
Figure 2. Pin Assignments (Top View)
Pin Description
Table 1. Pin Description
Pin Name
Pin Number
Description
NC
A1
Not Connected.
Free, high impedance for normal operation. Used for
internal test purpose.
AGND
A2
Low-Noise Analog Ground
REFIN
A3
DAC-Controlled Input.
Reference voltage for buck converter. The output of
the PA step-down converter is regulated to 2.5 x VREFIN. Bypass mode is
enabled when VIN
≤ 2.69V x VREFIN.
PGND
A4
Power Ground
for PA Step-Down Converter
LDO2
B1
10mA LDO Regulator 2 Output.
Connect LDO2 with a 0.1μF ceramic
capacitor as close as possible to LDO2 and AGND. LDO2 is internally pulled
down through a 100
Ω resistor when this regulator is disabled.
PA_EN
B2
PA Step-Down Converter Enable Input.
For normal operation, connect to
logic-high. For shutdown mode, connect to logic-low. The pin is internally
pulled down through a 110k
Ω resistor.
EN2
B3
Enable Input for LDO2.
For normal operation, connect to logic-high. For
shutdown mode, connect to logic-low. The pin is internally pulled down
through a 110k
Ω resistor.
LX
B4
Inductor Connection.
Connect an inductor from LX to the output of the PA
step-down converter.
NC
AGND
REFIN
PGND
A1
A2
A3
A4
LDO2
PA_EN
EN2
LX
B1
B2
B3
B4
IN2
TEST
IN1B
IN1A
C1
C2
C3
C4
LDO1
EN1
PAB
PAA
D1
D2
D3
D4


Similar Part No. - AS1339_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1339-BWLT AMSCO-AS1339-BWLT Datasheet
3Mb / 25P
   650mA RF Step-Down DC-DC for PA, with two LDOs
More results

Similar Description - AS1339_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1339 AMSCO-AS1339 Datasheet
3Mb / 25P
   650mA RF Step-Down DC-DC for PA, with two LDOs
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com