Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1363-BSTT-AD Datasheet(PDF) 4 Page - ams AG

Part # AS1363-BSTT-AD
Description  1A Low Dropout Linear Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363-BSTT-AD Datasheet(HTML) 4 Page - ams AG

  AS1363-BSTT-AD Datasheet HTML 1Page - ams AG AS1363-BSTT-AD Datasheet HTML 2Page - ams AG AS1363-BSTT-AD Datasheet HTML 3Page - ams AG AS1363-BSTT-AD Datasheet HTML 4Page - ams AG AS1363-BSTT-AD Datasheet HTML 5Page - ams AG AS1363-BSTT-AD Datasheet HTML 6Page - ams AG AS1363-BSTT-AD Datasheet HTML 7Page - ams AG AS1363-BSTT-AD Datasheet HTML 8Page - ams AG AS1363-BSTT-AD Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ams.com/LDO
Revision 1.9
4 - 19
AS1363
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control)
methods.
VIN = VOUT(NOM) + 500mV or VIN = +2.0V (whichever is greater), CIN = 1µF, COUT = 2.2µF, EN = IN, TAMB = -40 to +85ºC (unless otherwise
specified). Typical values are at TAMB = +25ºC.
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input Voltage
2.0
5.5
V
VPOR
Power On reset
Falling, 100mV hysteresis
1.78
1.87
1.96
V
Output Voltage Accuracy
(Preset Mode)
IOUT = 100µA, TAMB = +25ºC,
-0.75
+0.75
%
IOUT = 100mA
-1.5
+1.5
IOUT = 1 to 500mA, VIN > (VOUT + 0.5V)
1
-2
+2
VOUT
Adjustable Output Voltage Range
1.2
5.3
V
VSET/BYP
SET/BYP Voltage Threshold
(Adjustable Mode)
VIN = 2.5V, IOUT = 1mA, VOUT set to 2.0V
1.17
1.20
1.23
V
IOUT
Guaranteed Output Current (RMS)
500
mA
ILIMIT
Short-Circuit Current Limit
VOUT = 0V
0.55
0.8
1.2
A
In-Regulation Current Limit
VOUT > 96% of nominal value
0.8
A
SET/BYP Threshold
50
100
150
mV
ISET
SET/BYP Input Bias Current
VSET/BYP = 1.2V
-100
+100
nA
IQ
Quiescent Current
IOUT = 100µA
40
150
µA
IOUT = 500mA
65
200
VIN - VOUT
Dropout Voltage
2
IOUT = 500mA
VOUT = 2.5V
150
320
mV
VLNR
Line Regulation
VIN from (VOUT + 100mV) to 5.5V,
ILOAD = 5mA
-0.125
+0.125
%/V
VLDR
Load Regulation
IOUT = 1 to 500mA
-0.001
+0.001
%/mA
PSRR
Ripple Rejection
f = 1kHz, IOUT = 10mA, adjustable Output
65
dB
f = 10kHz, IOUT = 10mA, adjustable Output
70
f = 100kHz, IOUT = 10mA, adjustable Output
60
Output Voltage Noise
10Hz to 100kHz, IOUT = 10mA, adjustable Output
80
µVRMS
100Hz to 100kHz, IOUT = 10mA, adjustable Output
65
Shutdown
IOFF
Shutdown Supply Current
EN = GND, VIN = 5.5V, TAMB = 25°C
0.03
0.5
µA
EN = GND, VIN = 5.5V
15
VIH
EN Input Threshold
2.0V < VIN < 5.5V
1.6
V
VIL
2.0V < VIN < 5.5V
0.6
V
IEN
EN Input Bias Current
EN = IN or GND, TAMB = +25ºC
1
nA
TAMB = +85ºC
5


Similar Part No. - AS1363-BSTT-AD

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1363-BSTT-AD AMSCO-AS1363-BSTT-AD Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results

Similar Description - AS1363-BSTT-AD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX8117ME-V INFINEON-IFX8117ME-V Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
logo
ams AG
AS1364 AMSCO-AS1364_04 Datasheet
1Mb / 20P
   1A Low Dropout Linear Voltage Regulator
logo
ACE Technology Co., LTD...
ACE529C ACE-ACE529C Datasheet
606Kb / 7P
   1A Low Dropout Voltage Linear Regulator
VER 1.2
logo
ams AG
AS1364 AMSCO-AS1364 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com