Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1364 Datasheet(PDF) 1 Page - ams AG

Part # AS1364
Description  1A Low Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1364 Datasheet(HTML) 1 Page - ams AG

  AS1364_04 Datasheet HTML 1Page - ams AG AS1364_04 Datasheet HTML 2Page - ams AG AS1364_04 Datasheet HTML 3Page - ams AG AS1364_04 Datasheet HTML 4Page - ams AG AS1364_04 Datasheet HTML 5Page - ams AG AS1364_04 Datasheet HTML 6Page - ams AG AS1364_04 Datasheet HTML 7Page - ams AG AS1364_04 Datasheet HTML 8Page - ams AG AS1364_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
austriamicrosystems AG
is now
ams AG
The technical content of this austriamicrosystems datasheet is still valid.
Contact information:
Headquarters:
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten, Austria
Tel: +43 (0) 3136 500 0
e-Mail: ams_sales@ams.com
Please visit our website at www.ams.com


Similar Part No. - AS1364_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1364-AD AMSCO-AS1364-AD Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
AS1364-BTDT-12 AMSCO-AS1364-BTDT-12 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
AS1364-BTDT-15 AMSCO-AS1364-BTDT-15 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
AS1364-BTDT-18 AMSCO-AS1364-BTDT-18 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
AS1364-BTDT-30 AMSCO-AS1364-BTDT-30 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
More results

Similar Description - AS1364_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1363 AMSCO-AS1363_13 Datasheet
282Kb / 19P
   1A Low Dropout Linear Voltage Regulator
logo
Infineon Technologies A...
IFX8117ME-V INFINEON-IFX8117ME-V Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
logo
ACE Technology Co., LTD...
ACE529C ACE-ACE529C Datasheet
606Kb / 7P
   1A Low Dropout Voltage Linear Regulator
VER 1.2
logo
ams AG
AS1364 AMSCO-AS1364 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com