Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1369 Datasheet(PDF) 7 Page - ams AG

Part # AS1369
Description  200mA Ultra-Compact Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1369 Datasheet(HTML) 7 Page - ams AG

Back Button AS1369_04 Datasheet HTML 3Page - ams AG AS1369_04 Datasheet HTML 4Page - ams AG AS1369_04 Datasheet HTML 5Page - ams AG AS1369_04 Datasheet HTML 6Page - ams AG AS1369_04 Datasheet HTML 7Page - ams AG AS1369_04 Datasheet HTML 8Page - ams AG AS1369_04 Datasheet HTML 9Page - ams AG AS1369_04 Datasheet HTML 10Page - ams AG AS1369_04 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.austriamicrosystems.com/LDOs/AS1369
Revision 1.7
6 - 21
AS1369
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VIN = VOUT + 0.5V, CIN = COUT = 1µF, TAMB = 25°C (unless otherwise specified).
Figure 5.
VOUT vs. VIN; VOUT(NOM)=1.5V
Figure 6.
VOUT vs. VIN; VOUT(NOM)=2.8V
-30
-20
-10
0
10
01
2
3
4
56
Input Voltage (V)
Tamb = -40°C
Tamb = 25°C
Tamb = 85°C
-30
-20
-10
0
10
3
3.5
44.5
55.5
6
Input Voltage (V)
TAM B = -40°C
TAM B = 25°C
TAM B = 85°C
Figure 7.
VOUT vs. (VIN-VOUT); TAMB = -40°C
Figure 8.
VOUT vs. (VIN-VOUT); TAMB = +25°C
-100
-80
-60
-40
-20
0
20
40
-100
-50
0
50
100
150
200
VIN - VOUT (mV)
1mA
50mA
100mA
150mA
200mA
VOUT(NOM) = 2.8V
-100
-80
-60
-40
-20
0
20
40
-100
-50
0
50
100
150
200
VIN - VOUT (mV)
1mA
50mA
100mA
150mA
200mA
VOUT(NOM) = 2.8V
Figure 9.
VOUT vs. (VIN-VOUT); TAMB = +85°C
Figure 10. Dropout Voltage vs. IOUT; VOUT=2.8V
-100
-80
-60
-40
-20
0
20
40
-100
-50
0
50
100
150
200
VIN - VOUT (mV)
1mA
50mA
100mA
150mA
200mA
VOUT(NOM) = 2.8V
0
20
40
60
80
100
120
140
0
50
100
150
200
Load Current (mA)
TAM B = 25°C
TAM B = 85°C
TAM B = -40°C


Similar Part No. - AS1369_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1369-BWLT-15 AMSCO-AS1369-BWLT-15 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-18 AMSCO-AS1369-BWLT-18 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-25 AMSCO-AS1369-BWLT-25 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-28 AMSCO-AS1369-BWLT-28 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
AS1369-BWLT-30 AMSCO-AS1369-BWLT-30 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
More results

Similar Description - AS1369_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1369 AMSCO-AS1369 Datasheet
755Kb / 16P
   200mA Ultra-Compact Low Dropout Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Unisonic Technologies
M2950 UTC-M2950_15 Datasheet
316Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
M2950 UTC-M2950_11 Datasheet
265Kb / 8P
   200mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com