Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1363-BSTT-33 Datasheet(PDF) 6 Page - ams AG

Part # AS1363-BSTT-33
Description  1A Low Dropout Linear Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1363-BSTT-33 Datasheet(HTML) 6 Page - ams AG

Back Button AS1363-BSTT-33 Datasheet HTML 2Page - ams AG AS1363-BSTT-33 Datasheet HTML 3Page - ams AG AS1363-BSTT-33 Datasheet HTML 4Page - ams AG AS1363-BSTT-33 Datasheet HTML 5Page - ams AG AS1363-BSTT-33 Datasheet HTML 6Page - ams AG AS1363-BSTT-33 Datasheet HTML 7Page - ams AG AS1363-BSTT-33 Datasheet HTML 8Page - ams AG AS1363-BSTT-33 Datasheet HTML 9Page - ams AG AS1363-BSTT-33 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ams.com/LDO
Revision 1.9
6 - 19
AS1363
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VIN = VOUT(NOM) + 0.5V, CIN = 1µF, COUT = 2.2µF, TAMB = 25°C (unless otherwise specified).
Figure 3. VDROP vs. IOUT;
Figure 4. VOUT vs. IOUT; VOUT(NOM) = 2.5V
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
Load Current (mA)
2.499
2.5
2.501
2.502
2.503
0
100
200
300
400
500
Output Current (mA)
Figure 5. VOUT vs. Temperature; VOUT(NOM) = 2.5V
Figure 6. VOUT vs. VIN; VOUT(NOM) = 2.5V
2.496
2.497
2.498
2.499
2.5
2.501
2.502
2.503
2.504
2.505
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
Input Voltage (V)
Iout =0mA
Iout =500mA
Figure 7. Quiescent Current vs. VIN; no load
Figure 8. Quiescent Current vs. IOUT; VIN = 3.0V;
0
20
40
60
80
100
120
012
3456
Input Voltage (V)
0
20
40
60
80
100
0
100
200
300
400
500
Output Current (mA)


Similar Part No. - AS1363-BSTT-33

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1363-BSTT-33 AMSCO-AS1363-BSTT-33 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results

Similar Description - AS1363-BSTT-33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX8117ME-V INFINEON-IFX8117ME-V Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
logo
ams AG
AS1364 AMSCO-AS1364_04 Datasheet
1Mb / 20P
   1A Low Dropout Linear Voltage Regulator
logo
ACE Technology Co., LTD...
ACE529C ACE-ACE529C Datasheet
606Kb / 7P
   1A Low Dropout Voltage Linear Regulator
VER 1.2
logo
ams AG
AS1364 AMSCO-AS1364 Datasheet
563Kb / 15P
   1A, Low-Dropout Linear Voltage Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com