Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1374-BWLT2533 Datasheet(PDF) 7 Page - ams AG

Part # AS1374-BWLT2533
Description  Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1374-BWLT2533 Datasheet(HTML) 7 Page - ams AG

Back Button AS1374-BWLT2533 Datasheet HTML 3Page - ams AG AS1374-BWLT2533 Datasheet HTML 4Page - ams AG AS1374-BWLT2533 Datasheet HTML 5Page - ams AG AS1374-BWLT2533 Datasheet HTML 6Page - ams AG AS1374-BWLT2533 Datasheet HTML 7Page - ams AG AS1374-BWLT2533 Datasheet HTML 8Page - ams AG AS1374-BWLT2533 Datasheet HTML 9Page - ams AG AS1374-BWLT2533 Datasheet HTML 10Page - ams AG AS1374-BWLT2533 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AS1374
Datasheet - Ty pical Operating Characteristics
www.austriamicrosystems.com/LDOs/AS1374
Revision 1.8
6 - 18
Figure 9. Ground Pin Current vs. Load Current
Figure 10. Ground Pin Current vs. Temperature
23
24
25
26
27
28
29
30
31
32
33
0
25
50
75
100
125
150
175
200
Load Current (mA)
-40°C
+25°C
+85°C
25
26
27
28
29
30
-45
-30 -15
0
15
30
45
60
75
90
Temperature (°C)
Figure 11. Ground Pin Current vs. Input Voltage;
one Channel
on, no Load
Figure 12. Ground Pin Current vs. Input Voltage; one Channel
on, ILOAD = 200mA
0
10
20
30
40
50
60
012
345
Input Voltage (V)
-40°C
+25°C
+85°C
0
10
20
30
40
50
60
3.35
3.85
4.35
4.85
5.35
Input Voltage (V)
-40°C
+25°C
+85°C
Figure 13. Ground Pin Current vs. Input Voltage; both Channels
on, no Load
Figure 14. Ground Pin Current vs. Input Voltage; both Channels
on, ILOAD = 200mA
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Input Voltage (V)
-40°C
+25°C
+85°C
0
10
20
30
40
50
60
70
80
90
100
3.35
3.85
4.35
4.85
5.35
Input Voltage (V)
-40°C
+25°C
+85°C


Similar Part No. - AS1374-BWLT2533

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1374-BWLT-285 AMSCO-AS1374-BWLT-285 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
AS1374-BWLT1218 AMSCO-AS1374-BWLT1218 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
AS1374-BWLT1833 AMSCO-AS1374-BWLT1833 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
More results

Similar Description - AS1374-BWLT2533

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_07 Datasheet
325Kb / 18P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com