Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17F2M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # CNY17F2M
Description  Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17F2M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CNY17F2M Datasheet HTML 1Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 2Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 3Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 4Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 5Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 6Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 7Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 8Page - Fairchild Semiconductor CNY17F2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
CNY17XM, CNY17FXM, MOC810XM Rev. 1.1.1
3
Electrical Characteristics (T
A = 25°C Unless otherwise specified.)
(1)
Individual Component Characteristics
Isolation Characteristics
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
(3)
*All typicals at TA = 25°C
Symbol
Parameters
Test Conditions
Device
Min.
Typ.
Max.
Units
EMITTER
VF
Input Forward Voltage
IF = 60mA
CNY17XM,
CNY17FXM
1.0
1.35
1.65
V
IF = 10mA
MOC810XM
1.0
1.15
1.50
CJ
Capacitance
VF = 0 V, f = 1.0MHz
All
18
pF
IR
Reverse Leakage
Current
VR = 6V
All
0.001
10
µA
DETECTOR
BVCEO
Breakdown Voltage
Collector to Emitter
IC = 1.0mA, IF = 0
All
70
100
V
BVCBO
Collector to Base
IC = 10µA, IF = 0
CNY171M/2M/3M/4M
70
120
BVECO
Emitter to Collector
IE = 100µA, IF = 0
All
7
10
ICEO
Leakage Current
Collector to Emitter
VCE = 10 V, IF = 0
All
1
50
nA
ICBO
Collector to Base
VCB = 10 V, IF = 0
CNY171M/2M/3M/4M
20
nA
CCE
Capacitance
Collector to Emitter
VCE = 0, f = 1MHz
All
8
pF
CCB
Collector to Base
VCB = 0, f = 1MHz
CNY171M/2M/3M/4M
20
pF
CEB
Emitter to Base
VEB = 0, f = 1MHz
CNY171M/2M/3M/4M
10
pF
Symbol
Characteristic
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation Voltage
f = 60 Hz, t = 1 sec.,
II-O ≤ 2µA
(4)
7500
Vac(pk)
RISO
Isolation Resistance
VI-O = 500 VDC
(4)
1011
CISO
Isolation Capacitance
VI-O = Ø, f = 1MHz
(4)
0.2
pF
Symbol
DC Characteristics
Test Conditions
Min.
Typ.* Max. Units
COUPLED
(CTR)(2) Output Collector
Current
MOC8106M
IF = 10mA, VCE = 10V
50
150
%
MOC8107M
100
300
CNY17F1M
IF = 10mA, VCE = 5V
40
80
CNY17F2M
63
125
CNY17F3M
100
200
CNY17F4M
160
320
CNY171M
40
80
CNY172M
63
125
CNY173M
100
200
CNY174M
160
320
VCE(sat) Collector-Emitter
Saturation Voltage
CNY17XM/FXM
IC = 2.5mA, IF = 10mA
0.4
V
MOC8106M/7M
IC = 500µA, IF = 5.0mA


Similar Part No. - CNY17F2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
More results

Similar Description - CNY17F2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com