Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJV42MTF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJV42MTF
Description  NPN High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV42MTF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJV42MTF Datasheet HTML 1Page - Fairchild Semiconductor FJV42MTF Datasheet HTML 2Page - Fairchild Semiconductor FJV42MTF Datasheet HTML 3Page - Fairchild Semiconductor FJV42MTF Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FJV42 Rev. A
March 2007
FJV42
NPN High Voltage Transistor
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may by impaired.
Thermal Characteristics
Electrical Characteristics T
C = 25°C unless otherwise noted
* Pulse Test: PW
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
350
V
VCEO
Collector-Emitter Voltage
350
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
500
mA
TSTG
Storage Temperature Range
-55~150
°C
PC
Collector Power Dissipation
350
mW
Symbol
Parameter
Value
Units
RTH(j-a)
Thermal Resistance, Junction to Ambiet
357
°C/W
Symbol
Parameter
Test Condition
MIN
MAX
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
*
IC = 5.0 mA, IB = 0
350
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100 uA, IE = 0
350
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100 uA, IC = 0
6
V
ICBO
Collector-Cutoff Current
VCB = 200 V, IE = 0
0.1
uA
IEBO
Emitter-Cutoff Current
VEB = 5.0 V, IC = 0
0.1
uA
hFE
DC Current Gain
*
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC = 30 mA, VCE = 10 V
25
40
40
VCE(sat)
Collector-Emitter Saturation Voltage
*
IC = 20 mA, IB = 2.0 mA
0.5
V
VBE(sat)
Base-Emitter Breakdown Voltage
*
IC = 20 mA, IB = 2.0 mA
0.9
V
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 20V, f =100 MHz
50
MHz
Ccb
Output
Capacitance
VCB = 20 V, IE = 0, f = 1.0 MHz
3
pF
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3
Marking: 1DF


Similar Part No. - FJV42MTF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FJV42MTF ONSEMI-FJV42MTF Datasheet
241Kb / 6P
   NPN High-Voltage Transistor
October 2014 Rev. 1.1.0
More results

Similar Description - FJV42MTF

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com