Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP147 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # TIP147
Description  PNP Epitaxial Silicon Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP147 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TIP147 Datasheet HTML 1Page - Fairchild Semiconductor TIP147 Datasheet HTML 2Page - Fairchild Semiconductor TIP147 Datasheet HTML 3Page - Fairchild Semiconductor TIP147 Datasheet HTML 4Page - Fairchild Semiconductor TIP147 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP145 / TIP146 / TIP147 Rev. B1
2
Electrical Characteristics* T
A=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: TIP145
: TIP146
: TIP147
IC = - 30mA, IB = 0
- 60
- 80
- 100
V
V
V
ICEO
Collector Cut-off Current
: TIP145
: TIP146
: TIP147
VCE = - 30V, IB = 0
VCE = - 40V, IB = 0
VCE = - 50V, IB = 0
- 2
- 2
- 2
mA
mA
mA
ICBO
Collector Cut-off Current
: TIP145
: TIP146
: TIP147
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
- 1
- 1
- 1
mA
mA
mA
IEBO
Emitter Cut-off Current
VBE = - 5V, IC = 0
- 2
mA
hFE
DC Current Gain
VCE = - 4V,IC = - 5A
VCE = - 4V, IC = - 10A
1000
500
VCE(sat)
Collector-Emitter Saturation Voltage
IC = - 5A, IB = - 10mA
IC = - 10A, IB = - 40mA
- 2
- 3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = - 10A, IB = - 40mA
- 3.5
V
VBE(on)
Base-Emitter On Voltage
VCE = - 4V, IC = - 10A
- 3
V
tD
Delay Time
VCC = - 30V, IC = - 5A
IB1= -20mA, IB2 = 20mA
RL = 6Ω
0.15
μs
tR
Rise Time
0.55
μs
tSTG
Storage Time
2.5
μs
tF
Fall Time
2.5
μs


Similar Part No. - TIP147

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP147 MOSPEC-TIP147 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
Inchange Semiconductor ...
TIP147 ISC-TIP147 Datasheet
168Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
Motorola, Inc
TIP147 MOTOROLA-TIP147 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
TIP147 CENTRAL-TIP147 Datasheet
269Kb / 2P
   SILICON POWER DARLINGTON COMPLEMENTARY TRANSISTORS
logo
ON Semiconductor
TIP147 ONSEMI-TIP147 Datasheet
217Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
More results

Similar Description - TIP147

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
   Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Fairchild Semiconductor
FJPF9020 FAIRCHILD-FJPF9020 Datasheet
63Kb / 5P
   PNP Epitaxial Darlington Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com