Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MCP2515T-E Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2515T-E
Description  Stand-Alone CAN Controller With SPI Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515T-E Datasheet(HTML) 4 Page - Microchip Technology

  MCP2515T-E Datasheet HTML 1Page - Microchip Technology MCP2515T-E Datasheet HTML 2Page - Microchip Technology MCP2515T-E Datasheet HTML 3Page - Microchip Technology MCP2515T-E Datasheet HTML 4Page - Microchip Technology MCP2515T-E Datasheet HTML 5Page - Microchip Technology MCP2515T-E Datasheet HTML 6Page - Microchip Technology MCP2515T-E Datasheet HTML 7Page - Microchip Technology MCP2515T-E Datasheet HTML 8Page - Microchip Technology MCP2515T-E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
MCP2515
DS21801E-page 4
© 2007 Microchip Technology Inc.
FIGURE 1-2:
EXAMPLE SYSTEM IMPLEMENTATION
TABLE 1-1:
PINOUT DESCRIPTION
Name
PDIP/SOIC
Pin #
TSSOP
Pin #
I/O/P
Type
Description
Alternate Pin Function
TXCAN
1
1
O
Transmit output pin to CAN bus
RXCAN
2
2
I
Receive input pin from CAN bus
CLKOUT
3
3
O
Clock output pin with programmable
prescaler
Start-of-Frame signal
TX0RTS
4
4
I
Transmit buffer TXB0 request-to-send.
100 k
Ω internal pull-up to VDD
General purpose digital input.
100 k
Ω internal pull-up to VDD
TX1RTS
5
5
I
Transmit buffer TXB1 request-to-send.
100 k
Ω internal pull-up to VDD
General purpose digital input.
100 k
Ω internal pull-up to VDD
TX2RTS
6
7
I
Transmit buffer TXB2 request-to-send.
100 k
Ω internal pull-up to VDD
General purpose digital input.
100 k
Ω internal pull-up to VDD
OSC2
7
8
O
Oscillator output
OSC1
8
9
I
Oscillator input
External clock input
VSS
9
10
P
Ground reference for logic and I/O pins —
RX1BF
10
11
O
Receive buffer RXB1 interrupt pin or
general purpose digital output
General purpose digital output
RX0BF
11
12
O
Receive buffer RXB0 interrupt pin or
general purpose digital output
General purpose digital output
INT
12
13
O
Interrupt output pin
SCK
13
14
I
Clock input pin for SPI interface
SI
14
16
I
Data input pin for SPI interface
SO
15
17
O
Data output pin for SPI interface
CS
16
18
I
Chip select input pin for SPI interface
RESET
17
19
I
Active low device reset input
VDD
18
20
P
Positive supply for logic and I/O pins
NC
6,15
No internal connection
Note:
Type Identification: I = Input; O = Output; P = Power
Node
Controller
MCP2515
XCVR
SPI
TX
RX
CANH
CANL
Node
Controller
MCP2515
XCVR
SPI
TX
RX
Node
Controller
MCP2515
XCVR
SPI
TX
RX


Similar Part No. - MCP2515T-E

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-E/ML MICROCHIP-MCP2515T-E/ML Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
More results

Similar Description - MCP2515T-E

ManufacturerPart #DatasheetDescription
Microchip Technology
Microchip Technology
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
   Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
ENC28J60 MICROCHIP-ENC28J60_12 Datasheet
1Mb / 102P
   Stand-Alone Ethernet Controller with SPI Interface
10/26/12
ENC28J60 MICROCHIP-ENC28J60_06 Datasheet
1Mb / 96P
   Stand-Alone Ethernet Controller with SPI Interface
2006
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com