Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPE6V8UF Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPE6V8UF
Description  Ultra Low Capacitance 4 -Line ESD Protection Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE6V8UF Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPE6V8UF_11 Datasheet HTML 1Page - SYNC POWER Crop. SPE6V8UF_11 Datasheet HTML 2Page - SYNC POWER Crop. SPE6V8UF_11 Datasheet HTML 3Page - SYNC POWER Crop. SPE6V8UF_11 Datasheet HTML 4Page - SYNC POWER Crop. SPE6V8UF_11 Datasheet HTML 5Page - SYNC POWER Crop. SPE6V8UF_11 Datasheet HTML 6Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2011/ 08 / 30
Ver.3
Page 2
SPE6V8UF
Ultra Low Capacitance 4 -Line ESD Protection Array
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPE6V8UFS26RGB
SOT-23-6L
6V8U
YWW
YWW = Date Code ( Y : 0~9 ; WW : A~J) ; ex : A=0 ;B=1 ;C=2---
SPE6V8UFS26RGB : Tape Reel ; Pb – Free ; Halogen – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise
noted)
Parameter
Symbol
Typical
Unit
Peak Pulse Power ( tp = 8/20 μs )
Ppk
250
W
Maximum Peak Pulse Current ( tp = 8/20 μs )
Ipp
7
A
ESD per IEC 61000 – 4 – 2 (Air )
Vpp
±15
KV
ESD per IEC 61000 – 4 – 2 (Contact )
Vpp
±8
KV
Operating Junction Temperature
TJ
-55 ~ 125
Storage Temperature Range
TSTG
-55 ~ 150
Lead Soldering Temperature
TL
260 ( 10sec )
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Reverse Stand – Off Voltage
VRWM
5
V
Forward Voltage @ IF
VF
IF = 10mA
0.4
0.8
1.5
V
Reverse Breakdown Voltage
VBR
It = 1mA
6.0
7.0
V
Reverse Leakage Current
IR
VRWM = 5V , T=25℃
0.01
1
μA
Reverse Leakage Current
IR
VRWM = 3V , T=25℃
0.01
0.5
μA
Clamping Voltage
VC
Ipp = 1A , tp = 8/20 μs
12
V
VR = 0V, f = 1MHz
Any I/O pin to Ground
1.4
1.5
Junction Capacitance
Cj
VR = 0V, f = 1MHz
Between I/O pins
0.7
pF


Similar Part No. - SPE6V8UF_11

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE6V8UFS26RGB SYNC-POWER-SPE6V8UFS26RGB Datasheet
250Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
More results

Similar Description - SPE6V8UF_11

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE6V8UW SYNC-POWER-SPE6V8UW Datasheet
253Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UH SYNC-POWER-SPE6V8UH_11 Datasheet
229Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW_11 Datasheet
239Kb / 7P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0581 SYNC-POWER-SPE0581 Datasheet
263Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UD SYNC-POWER-SPE6V8UD_12 Datasheet
253Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UF SYNC-POWER-SPE6V8UF Datasheet
250Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0583 SYNC-POWER-SPE0583 Datasheet
181Kb / 7P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0584 SYNC-POWER-SPE0584 Datasheet
157Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UD SYNC-POWER-SPE6V8UD Datasheet
287Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
logo
ACE Technology Co., LTD...
ACE00584A ACE-ACE00584A Datasheet
332Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
VER 1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com