Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPE0523 Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPE0523
Description  5-Line ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0523 Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPE0523_10 Datasheet HTML 1Page - SYNC POWER Crop. SPE0523_10 Datasheet HTML 2Page - SYNC POWER Crop. SPE0523_10 Datasheet HTML 3Page - SYNC POWER Crop. SPE0523_10 Datasheet HTML 4Page - SYNC POWER Crop. SPE0523_10 Datasheet HTML 5Page - SYNC POWER Crop. SPE0523_10 Datasheet HTML 6Page - SYNC POWER Crop. SPE0523_10 Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2010/06/29
Ver.2
Page 2
SPE0523
5-Line ESD Protection Array
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPE0523S36RGB
SOT-363
EDYW
Week Code : A ~ Z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 )
SPE0523S36RGB : Tape Reel ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise
noted)
Parameter
Symbol
Typical
Unit
Peak Pulse Power ( tp = 8/20 μs )
Ppk
250
W
Maximum Peak Pulse Current ( tp = 8/20 μs )
Ipp
7
A
ESD per IEC 61000 – 4 – 2 (Air )
Vpp
±15
KV
ESD per IEC 61000 – 4 – 2 (Contact )
Vpp
±8
KV
Operating Junction Temperature
TJ
-55 ~ 125
Storage Temperature Range
TSTG
-55 ~ 150
Lead Soldering Temperature
TL
260 ( 10sec )
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Reverse Stand – Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
It = 1mA
6
V
Reverse Leakage Current
IR
VRWM = 5V , T=25℃
0.01
1
μA
Reverse Leakage Current
IR
VRWM = 3V , T=25℃
0.01
0.5
μA
Clamping Voltage
VC
Ipp = 1A , tp = 8/20 μs
15
V
Clamping Voltage
VC
Ipp = 7A , tp = 8/20 μs
18
V
Junction Capacitance
Cj
Between I/O Pin and GND
VR = 0V , f = 1MHz
2
3
pF


Similar Part No. - SPE0523_10

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0523S36RGB SYNC-POWER-SPE0523S36RGB Datasheet
233Kb / 7P
   5-Line ESD Protection Array
More results

Similar Description - SPE0523_10

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225 Datasheet
229Kb / 7P
   5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515 Datasheet
222Kb / 7P
   5-Line ESD Protection Array
SPE0506 SYNC-POWER-SPE0506_10 Datasheet
189Kb / 7P
   5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515_10 Datasheet
192Kb / 7P
   5-Line ESD Protection Array
SPE0505 SYNC-POWER-SPE0505 Datasheet
221Kb / 7P
   5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225_10 Datasheet
199Kb / 7P
   5-Line ESD Protection Array
SPE0523 SYNC-POWER-SPE0523 Datasheet
233Kb / 7P
   5-Line ESD Protection Array
SPE0506 SYNC-POWER-SPE0506 Datasheet
220Kb / 7P
   5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535 Datasheet
224Kb / 7P
   5-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com