Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPE0532S23RGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPE0532S23RGB
Description  2-Line ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPE0532S23RGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPE0532S23RGB Datasheet HTML 1Page - SYNC POWER Crop. SPE0532S23RGB Datasheet HTML 2Page - SYNC POWER Crop. SPE0532S23RGB Datasheet HTML 3Page - SYNC POWER Crop. SPE0532S23RGB Datasheet HTML 4Page - SYNC POWER Crop. SPE0532S23RGB Datasheet HTML 5Page - SYNC POWER Crop. SPE0532S23RGB Datasheet HTML 6Page - SYNC POWER Crop. SPE0532S23RGB Datasheet HTML 7Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2010/11/02
Ver.3
Page 3
SPE0532
2-Line ESD Protection Array
TYPICAL CHARACTERISTICS
Clamping Voltage (Ipp = 1A , tp = 8/20 μs )
Clamping Voltage (Ipp = 7A , tp = 8/20 μs )


Similar Part No. - SPE0532S23RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0532S23RGB SYNC-POWER-SPE0532S23RGB Datasheet
241Kb / 7P
   2-Line ESD Protection Array
More results

Similar Description - SPE0532S23RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0332 SYNC-POWER-SPE0332 Datasheet
352Kb / 7P
   2-Line ESD Protection Array
2019/06/05 Ver 1
SPE0512 SYNC-POWER-SPE0512_11 Datasheet
191Kb / 7P
   2-Line ESD Protection Array
SPE0532 SYNC-POWER-SPE0532 Datasheet
241Kb / 7P
   2-Line ESD Protection Array
SPE1212 SYNC-POWER-SPE1212 Datasheet
225Kb / 7P
   2-Line ESD Protection Array
SPE0512 SYNC-POWER-SPE0512 Datasheet
219Kb / 7P
   2-Line ESD Protection Array
SPE1212_0911 SYNC-POWER-SPE1212_0911 Datasheet
194Kb / 7P
   2-Line ESD Protection Array
SPE0522 SYNC-POWER-SPE0522 Datasheet
221Kb / 7P
   2-Line ESD Protection Array
SPE0522 SYNC-POWER-SPE0522_11 Datasheet
205Kb / 7P
   2-Line ESD Protection Array
logo
TECH PUBLIC Electronics...
ESDS302DBVR-TP TECHPUBLIC-ESDS302DBVR-TP Datasheet
2Mb / 4P
   2-Line ESD Protection Diode Array
logo
SYNC POWER Crop.
SPE6V8UN SYNC-POWER-SPE6V8UN_11 Datasheet
231Kb / 7P
   Ultra Low Capacitance 2 -Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com