Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASI10708 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASI10708
Description  VHF POWER MOSFET N-Channel Enhancement Mode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10708 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASI10708 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
V(BR)DSS
VGS = 0 V
IDS = 10 mA
125
---
---
V
IDSS
VGS = 0 V
VDS = 50 V
---
---
1.0
mA
IGSS
VGS = 20 V
VDS = 0 V
---
---
100
µ
µA
VGS
VDS = 10 V
ID = 10 mA
1.0
---
5.0
V
GFS
VGS = 10 V
ID = 2.5 A
800
---
---
mS
Ciss
Coss
Crss
VGS = 50 V
VDS = 0 V
F = 1.0 MHz
115
30.0
6.5
pF
PG
η
η
D
VDD = 50 V
IDQ = 100 mA
POUT = 30 W
f = 175 MHz
15
50
16
60
dB
%
VHF POWER MOSFET
N-Channel Enhancement Mode
VFT30-50
DESCRIPTION:
The
VFT30-50 is Designed for
General Purpose Class B Power
Amplifier Applications up to 250 MHz.
FEATURES:
• P
G = 16 dB Typ. at 30 W /175 MHz
• η
η
D = 60% Typ. at 30 W /175 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
ID
6.0 A
V(BR)DSS
120 V
VDGR
120 V
VGS
± 40 V
PDISS
115 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
1.52
OC/W
PACKAGE STYLE .380 4L FLG
ORDER CODE: ASI10708
MINIMUM
inches / mm
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.980 / 24.89
inches / mm
H
.160 / 4.06
.180 / 4.57
DIM
.220 / 5.59
.230 / 5.84
.105 / 2.67
.085 / 2.16
I
J
.240 / 6.10
.255 / 6.48
.785 / 19.94
F
B
G
.125
Ø.125 NOM.
FULL R
D
E
C
H
.112 x 45°
A
I
J
.004 / 0.10
.006 / 0.15
.280 / 7.11
.720 / 18.29
.730 / 18.54
S
G
S
D


Similar Part No. - ASI10708

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10700 ASI-ASI10700 Datasheet
18Kb / 1P
   VHF POWER MOSFET Channel Enhancement Mode
ASI10701 ASI-ASI10701 Datasheet
18Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
ASI10701 ASI-ASI10701 Datasheet
17Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
ASI10702 ASI-ASI10702 Datasheet
24Kb / 2P
   VHF POWER MOSFET N-Channel Enhancement Mode
ASI10703 ASI-ASI10703 Datasheet
39Kb / 2P
   VHF POWER MOSFET N-Channel Enhancement Mode
More results

Similar Description - ASI10708

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
VFT150-50 ASI-VFT150-50 Datasheet
18Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28SL ASI-VFT5-28SL Datasheet
17Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
MRF172 ASI-MRF172 Datasheet
15Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
VFT5-28 ASI-VFT5-28 Datasheet
18Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
DV2805 ASI-DV2805 Datasheet
15Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
VFT30-28 ASI-VFT30-28 Datasheet
42Kb / 2P
   N-Channel Enhancement Mode VHF POWER MOSFET
MRF138 ASI-MRF138 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode VHF POWER MOSFET
MRF148A ASI-MRF148A Datasheet
42Kb / 1P
   N-Channel Enhancement Mode VHF POWER MOSFET
VFT15-12 ASI-VFT15-12 Datasheet
19Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
VFT300-50 ASI-VFT300-50 Datasheet
20Kb / 1P
   VHF POWER MOSFET N-Channel Enhancement Mode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com