Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX307EUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX307EUI
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX307EUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX307EUI Datasheet HTML 5Page - Maxim Integrated Products MAX307EUI Datasheet HTML 6Page - Maxim Integrated Products MAX307EUI Datasheet HTML 7Page - Maxim Integrated Products MAX307EUI Datasheet HTML 8Page - Maxim Integrated Products MAX307EUI Datasheet HTML 9Page - Maxim Integrated Products MAX307EUI Datasheet HTML 10Page - Maxim Integrated Products MAX307EUI Datasheet HTML 11Page - Maxim Integrated Products MAX307EUI Datasheet HTML 12Page - Maxim Integrated Products MAX307EUI Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
10
______________________________________________________________________________________
________Pin Configurations/Functional Diagrams/Truth Tables (continued)
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
COMA
V-
NO8A
NO7A
NO8B
N.C.
COMB
V+
TOP VIEW
NO6A
NO5A
NO4A
NO3A
NO4B
NO5B
NO6B
NO7B
20
19
18
17
9
10
11
12
NO2A
NO1A
EN
A0
GND
NO1B
NO2B
NO3B
DIP/SO
MAX307
16
15
13
14
A1
A2
N.C.
N.C.
A2
A1
A0
EN
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
MAX307
LOGIC “0” VAL
≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
CMOS DECODERS/DRIVERS
A0
A1
A2
A3
EN
MAX306 16-CHANNEL SINGLE-ENDED MULTIPLEXER
NO16
NO15
NO14
NO13
NO12
NO11
NO10
NO9
NO8
NO7
NO6
NO5
NO4
NO3
NO2
NO1
COM
V+
V-
GND
NO15
NO14
NO13
NO12
NO11
NO10
NO9
NO7
NO6
NO5
NO4
N03
N02
N01
TOP VIEW
PLCC
12
13
14 15
16
17
18
1
2
3
4
26
27
28
19
20
21
22
23
24
25
5
6
7
8
9
10
11
MAX306
N.C. = NO INTERNAL CONNECTION


Similar Part No. - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX307EPI MAXIM-MAX307EPI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EQI MAXIM-MAX307EQI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EWI MAXIM-MAX307EWI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
More results

Similar Description - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com