Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX307EUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX307EUI
Description  Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX307EUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX307EUI Datasheet HTML 1Page - Maxim Integrated Products MAX307EUI Datasheet HTML 2Page - Maxim Integrated Products MAX307EUI Datasheet HTML 3Page - Maxim Integrated Products MAX307EUI Datasheet HTML 4Page - Maxim Integrated Products MAX307EUI Datasheet HTML 5Page - Maxim Integrated Products MAX307EUI Datasheet HTML 6Page - Maxim Integrated Products MAX307EUI Datasheet HTML 7Page - Maxim Integrated Products MAX307EUI Datasheet HTML 8Page - Maxim Integrated Products MAX307EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Precision, 16-Channel/Dual 8-Channel,
High-Performance, CMOS Analog Multiplexers
_______________________________________________________________________________________
5
120
140
160
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
100
0
20
40
60
-20
20
-15
15
-10
10
-5
5
0
80
VCOM (V)
±5V
±10V
±15V
±20V
120
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
100
0
20
40
60
-15
15
-10
10
-5
5
0
80
VCOM (V)
+125
°C
+85
°C
+25
°C
-55
°C
V+ = +15V
V- = -15V
280
320
360
400
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
240
40
80
120
160
15
20
10
5
0
200
VCOM (V)
5V
10V
15V
20V
120
140
160
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
100
0
20
40
60
15
10
5
0
80
VCOM (V)
+125
°C
+85
°C
+25
°C
-55
°C
V+ = +15V
V- = 0V
30
CHARGE INJECTION vs. VCOM
20
-30
-20
-10
0
-15
15
-10
10
-5
5
0
10
VCOM (V)
V+ = 12V
V- = 0V
V+ = +15V
V- = -15V
10
0.0001
-55
125
OFF LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85
105
5
INO (OFF)
ICOM (ON)
V+ = +15V
V- = -15V
10
0.0001
-55
125
ON LEAKAGE vs. TEMPERATURE
1
TEMPERATURE (
°C)
25
0.01
0.001
-35 -15
65
0.1
100
1000
45
85
105
5
ICOM (ON)
V+ = +15V
V- = -15V
100
0.001
-55
125
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (
°C)
25
0.1
0.01
-35 -15
65
1
45
85
105
5
I+
I-
V+ = +15V
V- = -15V
VEN = VA = 0V, 4.5V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX307EPI MAXIM-MAX307EPI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EQI MAXIM-MAX307EQI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EWI MAXIM-MAX307EWI Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
More results

Similar Description - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
   Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com