Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1270ACNG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1270ACNG
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270ACNG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1270ACNG Datasheet HTML 1Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 2Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 3Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 4Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 5Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 6Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 7Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 8Page - Maxim Integrated Products MAX1270ACNG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX1270/MAX1271 are multirange, 12-bit data-
acquisition systems (DAS) that require only a single
+5V supply for operation, yet accept signals at their
analog inputs that can span above the power-supply
rail and below ground. These systems provide eight
analog input channels that are independently software
programmable for a variety of ranges: ±10V, ±5V, 0 to
+10V, 0 to +5V for the MAX1270; ±VREF, ±VREF/2, 0 to
VREF, 0 to VREF/2 for the MAX1271. This range switch-
ing increases the effective dynamic range to 14 bits and
provides the flexibility to interface 4–20mA, ±12V, and
±15V powered sensors directly to a single +5V system.
In addition, these converters are fault protected to
±16.5V; a fault condition on any channel will not affect
the conversion result of the selected channel. Other fea-
tures include a 5MHz bandwidth track/hold, software-
selectable internal/external clock, 110ksps throughput
rate, and internal 4.096V or external reference operation.
The MAX1270/MAX1271 serial interface directly
connects to SPI™/QSPI™ and MICROWIRE™ devices
without external logic.
A hardware shutdown input (SHDN) and two software-
programmable power-down modes, standby (STBYPD)
or full power-down (FULLPD), are provided for low-cur-
rent shutdown between conversions. In standby mode,
the reference buffer remains active, eliminating startup
delays.
The MAX1270/MAX1271 are available in 24-pin narrow
PDIP or space-saving 28-pin SSOP packages.
Applications
Features
♦ 12-Bit Resolution, 0.5 LSB Linearity
♦ +5V Single-Supply Operation
♦ SPI/QSPI and MICROWIRE-Compatible
3-Wire Interface
♦ Four Software-Selectable Input Ranges
MAX1270: 0 to +10V, 0 to +5V, ±10V, ±5V
MAX1271: 0 to VREF, 0 to VREF/2, ±VREF,
±VREF/2
♦ Eight Analog Input Channels
♦ 110ksps Sampling Rate
♦ ±16.5V Overvoltage-Tolerant Input Multiplexer
♦ Internal 4.096V or External Reference
♦ Two Power-Down Modes
♦ Internal or External Clock
♦ 24-Pin Narrow PDIP or 28-Pin SSOP Packages
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
________________________________________________________________ Maxim Integrated Products
1
VDD
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
DGND
4.7µF
0.1µF
0.01µF
SHDN
MAX1270
MAX1271
+5V
ANALOG
INPUTS
CS
SCLK
DIN
DOUT
SSTRB
I/O
SCK
MOSI
MISO
REF
REFADJ
AGND
MC68HCXX
Typical Operating Circuit
PART
TEMP RANGE
PIN-PACKAGE
INL
(LSB)
MAX1270ACNG
0°C to +70°C
24 Narrow PDIP
±0.5
MAX1270BCNG
0°C to +70°C
24 Narrow PDIP
±1
MAX1270ACAI
0°C to +70°C
28 SSOP
±0.5
MAX1270BCAI
0°C to +70°C
28 SSOP
±1
Ordering Information
19-4782; Rev 2; 9/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations appear at end of data sheet.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Ordering Information continued at end of data sheet.
EVALUATION
KIT
AVAILABLE
Industrial Control Systems
Data-Acquisition Systems
Battery-Powered
Instruments
Automatic Testing
Robotics
Medical Instruments


Similar Part No. - MAX1270ACNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270ACNG MAXIM-MAX1270ACNG Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
More results

Similar Description - MAX1270ACNG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com