Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1540AETJ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1540AETJ
Description  Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1540AETJ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1540AETJ Datasheet HTML 1Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 2Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1540AETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
General Description
The MAX1540A/MAX1541 dual pulse-width modulation
(PWM) controllers provide the high efficiency, excellent
transient response, and high DC-output accuracy nec-
essary for stepping down high-voltage batteries to gen-
erate low-voltage chipset and RAM power supplies in
notebook computers.
The Maxim proprietary Quick-PWM™ controllers are
free running, constant on-time with input feed forward.
This configuration provides ultra-fast transient
response, wide input-output (I/O) differential range, low
supply current, and tight load-regulation characteris-
tics. The controllers can accurately sense the inductor
current across an external current-sense resistor in
series with the output to ensure reliable overload and
inductor saturation protection. Alternatively, the con-
trollers can use the synchronous rectifier itself or loss-
less inductor current-sensing methods to provide
overload protection with lower power dissipation.
For a single step-down PWM controller with inductor-
saturation protection, external-reference input voltage,
and dynamically selectable output voltages, refer to the
MAX1992/MAX1993 data sheet.
Applications
Notebook Computers
Core/I/O Supplies as Low as 0.7V
0.7V to 5.5V Supply Rails
CPU/Chipset/GPU with Dynamic Voltage Core
Supplies (MAX1541)
DDR Memory Termination (MAX1541)
Active Termination Buses (MAX1541)
Features
♦ Inductor-Saturation Protection
♦ Accurate Differential Current-Sense Inputs
♦ Dual Ultra-High-Efficiency Quick-PWMs with
100ns Load-Step Response
♦ MAX1540A
1.8V/1.2V Fixed or 0.7V to 5.5V Adjustable
Output (OUT1)
2.5V/1.5V Fixed or 0.7V to 5.5V Adjustable
Output (OUT2)
Fixed 5V, 100mA Linear Regulator
♦ MAX1541
External Reference Input (REFIN1)
Dynamically Selectable Output Voltage—0.7V
to 5.5V (OUT1)
2.5V/1.8V Fixed or 0.7V to 5.5V Adjustable
Output (OUT2)
Optional Power-Good and Fault Blanking
During Transitions
Fixed 5V or Adjustable 100mA Linear Regulator
♦ 1% VOUT Accuracy over Line and Load
♦ 2V to 28V Battery Input Range
♦ 170kHz to 620kHz Selectable Switching
Frequency
♦ Overvoltage/Undervoltage-Protection Option
♦ 1.7ms Digital Soft-Start
♦ Drives Large Synchronous-Rectifier FETs
♦ 2V ±0.7% Reference Output
♦ Separate Power-Good Window Comparators
Dual Step-Down Controllers with Saturation
Protection, Dynamic Output, and Linear Regulator
________________________________________________________________ Maxim Integrated Products
1
THIN QFN
TOP VIEW
MAX1540A
32
31
30
29
28
27
26
ON1
ON2
CSP1
CSN1
FB1
OUT1
PGOOD1
25
DH1
9
10
11
12
13
14
15
CSP2
CSN2
FB2
OUT2
PGOOD2
DH2
LX2
16
BST2
A "+" SIGN WILL REPLACE THE FIRST PIN INDICATOR ON LEAD-FREE PACKAGES.
Pin Configurations
19-2861; Rev 3; 2/07
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX1540AETJ
-40
°C to +85°C
32 Thin QFN
5mm x 5mm
T3255-4
MAX1540AETJ+
-40
°C to +85°C
32 Thin QFN
5mm x 5mm
T3255-4
MAX1541ETL
-40
°C to +85°C
40 Thin QFN
6mm x 6mm
T4066-5
MAX1541ETL+
-40
°C to +85°C
40 Thin QFN
6mm x 6mm
T4066-5
Pin Configurations continued at end of data sheet.
+Denotes a lead-free package.


Similar Part No. - MAX1540AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
More results

Similar Description - MAX1540AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Advanced Analogic Techn...
AAT2505 ANALOGICTECH-AAT2505 Datasheet
843Kb / 26P
   Dual Channel, Step-Down Converter/Linear Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com