Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1658ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1658ESA
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1658ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 9Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 10Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
350mA, 16.5V Input,
Low-Dropout Linear Regulators
_______________________________________________________________________________________
7
P-Channel Pass Transistor
The MAX1658/MAX1659 feature an internal P-channel
MOSFET pass transistor. Using a MOSFET provides
several advantages over similar PNP designs, including
lower dropout voltage and extended battery life. Unlike
bipolar transistors, MOSFETs reduce quiescent current,
because they require no base current, particularly at
heavy loads and in dropout. As a result, the
MAX1658/MAX1659 operate at a low quiescent current
even in dropout.
Output Voltage Selection
Dual Mode operation allows the MAX1658/MAX1659 to
operate at either a preset or a user-adjustable output
voltage. The device compares the SET pin voltage with
an internal 65mV reference. If the voltage is lower than
65mV (typically achieved by grounding SET), the
device switches to an internal resistor-divider feedback
network that sets the output voltage. The MAX1658’s
preset output voltage is 3.3V and the MAX1659’s is 5V
(Figure 2).
If the SET pin is not below 65mV, the device switches to
external feedback and SET becomes a feedback input.
The feedback network can be configured to produce
an output between 16V and the voltage reference
(nominally 1.21V). Under regulation, the feedback
mechanism adjusts the error signal such that the volt-
age at the SET pin equals the reference voltage.
Therefore, to achieve the minimum output, connect SET
directly to OUT. For other voltages, a resistive voltage-
divider network is necessary. Figure 3 shows the topol-
ogy of a typical circuit operating in adjustable mode.
The output voltage is set by the following equation:
where VSET = 1.21V. Solving for R1 yields:
The input leakage current of the SET input is less than
25nA. This allows the use of large resistors in the feed-
back network to minimize output current loss without
compromising accuracy. R2 can be as high as 500k
in most applications.
Shutdown
A logic low on the SHDN pin places the MAX1658/
MAX1659 in shutdown. This mode deactivates all func-
tions, including the pass transistor. The device con-
sumes less than 1µA of supply current in shutdown,
and its output becomes high impedance. The
MAX1658/MAX1659 exit shutdown in 100µs.
Output Current Limit
The MAX1658/MAX1659 include current-limiting circuit-
ry that monitors and controls the pass transistor and
limits output current to around 900mA. The output can
be shorted to ground indefinitely without damaging the
device.
R1 = R2
V
V
1
OUT
SET


V
V
R
R
OUT
SET
=
+


1
1
2
MAX1658
(MAX1659)
SHDN
2
4, 5
8
1
3, 6, 7
IN
INPUT
VOLTAGE
ON
OFF
OUTPUT VOLTAGE
3.3V/350mA
(5V/350mA)
10
µF
0.1
µF
GND
SET
OUT
Figure 2. Preset Output Configuration
MAX1658
MAX1659
IN
3, 6, 7
4, 5
1
8
2
SHDN
OUTPUT
VOLTAGE
COUT
10
µF
R1
R2
0.1
µF
INPUT
VOLTAGE
GND
OUT
SET
VOUT = VSET
(1 + R1 )
R2
VSET = 1.21V
Figure 3. Adjustable Output Configuration Using External
Feedback Resistors


Similar Part No. - MAX1658ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
111Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
MAX1658ESA++ MAXIM-MAX1658ESA+ Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results

Similar Description - MAX1658ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658 Datasheet
111Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com