Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1846EUB-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1846EUB-T
Description  High-Efficiency, Current-Mode, Inverting PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1846EUB-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1846EUB-T Datasheet HTML 1Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 2Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 3Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 4Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 5Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 6Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 7Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 8Page - Maxim Integrated Products MAX1846EUB-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
High-Efficiency, Current-Mode,
Inverting PWM Controller
_______________________________________________________________________________________
5
100
0
1
10
100
1000
10,000
EFFICIENCY vs. LOAD CURRENT
20
LOAD CURRENT (mA)
40
60
80
70
50
30
10
90
VIN = 5V
VIN = 16.5V
VOUT = -5V
APPLICATION CIRCUIT A
100
0
1
10
100
1000
10,000
EFFICIENCY vs. LOAD CURRENT
20
LOAD CURRENT (mA)
40
60
80
70
50
30
10
90
VIN = 5V
VIN = 3.3V
VOUT = -12V
APPLICATION CIRCUIT B
VIN = 3V
90
0
1
1000
100
10
EFFICIENCY vs. LOAD CURRENT
30
10
70
50
100
40
20
80
60
LOAD CURRENT (mA)
VIN = 12V
VIN = 16.5V
APPLICATION CIRCUIT C
VOUT = -48V
-12.10
-12.04
-12.06
-12.08
-12.02
-12.00
-11.98
-11.96
-11.94
-11.92
-11.90
0
200
100
300
400
500
600
OUTPUT VOLTAGE LOAD REGULATION
LOAD CURRENT (mA)
APPLICATION CIRCUIT B
VIN = 5V
0
0.4
0.2
0.8
0.6
1.0
1.2
1.4
1.6
04
6
2
8
10
12
14
16
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VIN (V)
VFB = -0.1V
1.238
1.246
1.242
1.254
1.250
1.258
1.262
-40
20
40
-20
0
60
80
100
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics
(Circuit references are from Table 1 in the
Main Application Circuits section, CVL = 0.47µF, CREF = 0.1µF, TA = +25°C, unless otherwise
noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VSHDN = VIN = +12V, SYNC = GND, PGND = GND, RFREQ = 147kΩ ±1%, CVL = 0.47µF, CREF = 0.1µF, TA = -40°C to +85°C,
unless otherwise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
POL, SYNC Input Current
POL, SYNC = GND or VL
40
µA
VSHDN = +5V or GND
-12
0
SHDN Input Current
VSHDN = +16.5V
6
µA
EXT OUTPUT
EXT high or low, IEXT = 100mA, VIN = +5V
7.5
EXT On-Resistance
EXT high or low, IEXT = 100mA, VIN = +3V
12
Note 3: Parameters to -40°C are guaranteed by design and characterization.


Similar Part No. - MAX1846EUB-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1846EUB MAXIM-MAX1846EUB Datasheet
452Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
More results

Similar Description - MAX1846EUB-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
   High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
logo
Princeton Technology Co...
RS2053 PTC-RS2053 Datasheet
319Kb / 4P
   High Efficiency Current Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com