Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3440EASA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3440EASA
Description  15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3440EASA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3440EASA Datasheet HTML 2Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 3Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 4Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 5Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 6Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 7Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 8Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 9Page - Maxim Integrated Products MAX3440EASA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
±15kV ESD-Protected, ±60V Fault-Protected,
10Mbps, Fail-Safe RS-485/J1708 Transceivers
6
_______________________________________________________________________________________
RECEIVER OUTPUT CURRENT
vs. OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
5.0
4.5
0.5 1.0 1.5
2.5 3.0 3.5
2.0
4.0
5
10
15
20
25
30
35
40
0
0
RECEIVER OUTPUT CURRENT
vs. OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
5.0
4.5
0.5 1.0 1.5
2.5 3.0 3.5
2.0
4.0
5
10
15
20
25
30
35
40
0
0
RECEIVER OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
125
VOL, IOUT = -10mA
VOH, IOUT = +10mA
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (VA - VB) (V)
0.5
1.0
1.5
2.5
3.0
3.5
2.0
10
20
30
40
50
60
70
80
0
0
DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
-40
125
RL = 100
Ω
RL = 54
Ω
MAX3441E/MAX3443E
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
1
2
3
4
5
6
0
-40
125
DRIVER AND RECEIVER
ENABLED
MAX3441E/MAX3443E
DRIVER DISABLED,
RECEIVER ENABLED
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
4
8
12
16
20
24
0
-40
125
MAX3440E/MAX3442E/MAX3444E
DRIVER AND RECEIVER
ENABLED
DRIVER DISABLED,
RECEIVER ENABLED
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
1
10
0.01
-40
125
MAX3442E/MAX3443E/MAX3444E
A, B CURRENT
vs. A, B VOLTAGE (TO GROUND)
A, B VOLTAGE (V)
40
30
60
50
-50 -40 -30
-10 0 10
-20
20
-800
-400
-1600
-2000
RL = 54
Ω
-1200
0
400
800
1200
1600
2000
-60
DRIVER DISABLED,
RECEIVER ENABLED


Similar Part No. - MAX3440EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440EASA MAXIM-MAX3440EASA Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX3440EASA++ MAXIM-MAX3440EASA+ Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440EASA++ MAXIM-MAX3440EASA+ Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
More results

Similar Description - MAX3440EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX13442E MAXIM-MAX13442E Datasheet
250Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 1; 3/06
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3443E MAXIM-MAX3443E Datasheet
263Kb / 15P
   ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 짹15kV ESD Protection
Rev 0; 4/02
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com