Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3645ESE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3645ESE
Description  2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3645ESE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3645ESE Datasheet HTML 2Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 3Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 4Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 5Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 6Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 7Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 8Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 9Page - Maxim Integrated Products MAX3645ESE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
The external autozero capacitor (CAZ), in parallel with
internal capacitance (CINT), determines the time con-
stant of the DC offset correction loop. With CAZ = 0.1µF
(recommended), the -3dB frequency cutoff of the signal
path is typically 0.5kHz.
Power Detector and LOS Indicators
The external resistor RTH sets the gain of the first limit-
ing stage. This gain setting controls the threshold at
which the power detector indicates an LOS condition.
Power detection is accomplished by rectifying and low-
pass filtering the data signal, then comparing it to the
programmed threshold voltage. A hysteresis of 2dB
prevents the LOS output from chattering when the input
signal is near the threshold.
PECL Output Buffer
The data outputs (DOUT+, DOUT-) and the loss-of-sig-
nal outputs (LOS+, LOS-) are PECL outputs. The equiv-
alent PECL output circuit is shown in Figure 4.
Applications Information
Programming LOS Assert/Deassert Levels
The appropriate value of RTH is determined by using
the Loss-Of-Signal Threshold vs. RTH graph in the
Typical Operating Characteristics.
LOS Time Constant
The lowpass filter of the power detector comprises a
20k
Ω on-chip resistor (RSD) and an external capacitor
(CSD). The CSD capacitor value determines the power-
detector time constant, which determines the LOS
assert/deassert time. With CSD = 1nF the assert/
deassert time is in the range of 2.3µs to 80µs. This pro-
vides a long enough time constant to avoid false trig-
gering due to variations in mark density.
Disable Function
When the DIS input is forced high, the disable function
is enabled, which holds DOUT+ low and DOUT- high.
The disable function is used to prevent the data outputs
from toggling due to noise when no signal is present.
The LOS output can be connected to the DIS input for
automatic squelch.
PECL Output Terminations
The proper termination for a PECL output is 50
Ω to
(VCC - 2V), but other standard termination techniques
can be used. For more information on PECL termina-
tions and how to interface with other logic families, refer
to Maxim Application Note HFAN-01.0: Introduction to
LVDS, PECL, and CML.
Layout Considerations
For best performance, use good high-frequency layout
techniques. Filter power supplies, keep ground con-
nections short, and use multiple vias where possible.
Power-supply decoupling should be placed close to
the VCC pins. Minimize the distance from the preampli-
fier and use controlled-impedance transmission lines to
interface with the outputs when possible.
+2.97V to +5.5V, 125Mbps to 200Mbps Limiting
Amplifier with Loss-of-Signal Detector
_______________________________________________________________________________________
7
MAX3645
DIN+
DIN-
DOUT+
DOUT-
LOS
POWER
DETECTOR
CSD
OFFSET
CORRECTION
CINT
CAZ1
CAZ2
TH
DIS
LOS
Figure 2. Functional Diagram
DIN+
DIN-
VCC
VCC
ESD
STRUCTURES
VCC - 0.87V
4.8k
4.8k
Figure 3. Equivalent Data Input Circuit


Similar Part No. - MAX3645ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3645ESE MAXIM-MAX3645ESE Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3645ESE MAXIM-MAX3645ESE Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
More results

Similar Description - MAX3645ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3645 MAXIM-MAX3645 Datasheet
262Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
Rev 0; 10/03
MAX3645 MAXIM-MAX3645_V01 Datasheet
240Kb / 10P
   2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
19-3026; Rev 1; 11/04
logo
Exar Corporation
ST16C1450 EXAR-ST16C1450 Datasheet
355Kb / 32P
   2.97V TO 5.5V UART
ST16C2450 EXAR-ST16C2450 Datasheet
315Kb / 29P
   2.97V TO 5.5V DUART
ST16C2450 EXAR-ST16C2450_05 Datasheet
525Kb / 30P
   2.97V TO 5.5V DUART
XR16C2450 EXAR-XR16C2450 Datasheet
694Kb / 31P
   2.97V TO 5.5V DUART
ST16C1450 EXAR-ST16C1450_05 Datasheet
614Kb / 28P
   2.97V TO 5.5V UART
logo
Maxim Integrated Produc...
MAX3969 MAXIM-MAX3969 Datasheet
724Kb / 11P
   200Mbps SFP Limiting Amplifier
Rev 0; 4/04
MAX3964 MAXIM-MAX3964_V01 Datasheet
299Kb / 11P
   3.0V to 5.5V, 125Mbps to 266Mbps Limiting Amplifiers with Loss-of-Signal Detector
19-1314; Rev 5; 8/06
MAX3969 MAXIM-MAX3969_V01 Datasheet
303Kb / 11P
   200Mbps SFP Limiting Amplifier
19-3251; Rev 1; 6/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com