Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR2B10DR0005JTDG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TLR2B10DR0005JTDG
Description  SMD Low Ohmic - Current Sense Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TLR2B10DR0005JTDG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TLR2B10DR0005JTDG Datasheet HTML 1Page - List of Unclassifed Manufacturers TLR2B10DR0005JTDG Datasheet HTML 2Page - List of Unclassifed Manufacturers TLR2B10DR0005JTDG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Derating Curve
Characteristics - Electrical
1206
2010
2512
Resistance Value Range:
R001 - R01
R001 - R01
R0005 - R015
Resistance Tolerance:
±1% ±3% ±5%
Power Rating:
1.0 Watt
1.0 / 1.5 Watts
1.0 / 2.0 / 2.5 / 3.0 Watts
Operating Temperature:
-55°C to +170°C
Inductance:
See below chart
T.C.R.
See below chart
-55
-40
20
0
20
40
60
80
100
120
140
160 175
100
80
60
40
20
0
Ambient Temperature (°C)
SMD Low Ohmic - Current Sense Resistors
Type TLR Series
1773449-3 CIS WR 03/2012
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
n
Up to 3 Watt at 80°C
n
Supplied on Tape
n
Ideal for Current
Detection
n
12:06, 20:10 and 25:12
Packages Available
TE Connectivity  (TE)  is  pleased  to  offer  this  unique  High  Power,  metal  chip  resistor  for
current  sensing  positions.  It  has  a  special  metal  resistive  element  and  suitable
barrier layers beneath the solder to prolong terminal life. Following the developments by
semiconductor  manufacturers  in  the  production  of  a  range  of  IC's  for  battery  charge
management and low voltage power supplies, the TLR Series satisfies the demand for a
low ohmic shunt resistor to act as a current sensor. It has particular applications in the
automotive industry for sensing in EMU's.


Similar Part No. - TLR2B10DR0005JTDG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TLR2B10DR0005JTDG TEC-TLR2B10DR0005JTDG Datasheet
382Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
More results

Similar Description - TLR2B10DR0005JTDG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1625827-5 MACOM-1625827-5 Datasheet
115Kb / 1P
   SMD Low Ohmic - Current Sense Resistors
logo
TE Connectivity Ltd
1773269 TEC-1773269 Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
1773449-3 TEC-1773449-3 Datasheet
382Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
logo
Tyco Electronics
TL2BR068F MACOM-TL2BR068F Datasheet
115Kb / 1P
   SMD Low Ohmic - Current Sense Resistors
2-1622825-2 MACOM-2-1622825-2 Datasheet
177Kb / 5P
   SMD Low Ohmic - Current Sense Resistors
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
   Low Ohmic - Current Sense Resistors
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
   Ultra-Low Ohmic Resistors for Current Detection
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Rohm
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com