Electronic Components Datasheet Search |
|
T495T107M010AHE100 Datasheet(PDF) 4 Page - Kemet Corporation |
|
T495T107M010AHE100 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 8 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 34 SOLID TANTALUM CHIP CAPACITORS T495 SERIES—Low ESR, Surge Robust T495 RATINGS & PART NUMBER REFERENCE CAPACITOR MARKINGS Print Week Code: 1st Digit = Y ear 2nd & 3rd Digits = Week "527" = The 27th week of 2005 Low ESR Device Polarity Indicator (+) (Solid Stripe) Picofarad Code KEMET I. D. Symbol Rated Voltage 107 10 K 527 R+ CONSTRUCTION Negative Termination* Mn02 Coat (First Layer) Silver Paint (Third Layer) Tantalum Wire Carbon (Second Layer) Tantalum (Ta2O5) Molded Case Silver Adhesive Washer Positive Termination* Weld Polarity Stripe (+) Polarity Bevel (+) *100% tin (1) To complete KEMET part number, insert “K” for ±10% or “M” for ±20% capacitance tolerance. (2) To complete KEMET part number, insert lead material designations per Ordering Information on page 31. *Extended Values Higher voltage ratings and tighter capacitance tolerance product may be substituted within the same size at KEMET’s option.Voltage substitutions will be marked with the higher voltage rating. 25°C 85°C 125°C 68.0 D T495D686(1)025A(2)E150 17.0 10.0 150 1000 900 400 68.0 D T495D686(1)025A(2)E200 17.0 10.0 200 866 779 346 68.0 X T495X686(1)025A(2)E125 17.0 8.0 125 1149 1034 460 68.0 X T495X686(1)025A(2)E150 17.0 8.0 150 1049 944 420 68.0 X T495X686(1)025A(2)E200 17.0 8.0 200 908 817 363 100.0 E T495E107(1)025A(2)E100 25.0 8.0 100 1414 1273 566 0.47 B T495B474(1)035A(2)E1K5 0.5 4.0 1500 238 214 95 0.47 B T495B474(1)035A(2)E2K2 0.5 4.0 2200 197 177 79 1.0 A T495A105(1)035A(2)E3K0 0.4 4.0 3000 158 142 63 1.0 B T495B105(1)035A(2)E1K5 0.5 4.0 1500 238 214 95 1.0 B T495B105(1)035A(2)E1K7 0.5 4.0 1700 224 201 89 2.2 B T495B225(1)035A(2)E1K5 0.8 6.0 1500 238 214 95 2.2 C T495C225(1)035A(2)E750 0.8 6.0 750 383 345 153 3.3 B T495B335(1)035A(2)E900 1.2 6.0 900 307 276 123 3.3 C T495C335(1)035A(2)E525 1.1 6.0 525 457 411 182 3.3 C T495C335(1)035A(2)E550 1.1 6.0 550 447 402 178 3.3 C T495C335(1)035A(2)E600 1.2 6.0 600 428 385 171 4.7 B T495B475(1)035A(2)E1K0 1.6 6.0 1000 292 262 117 4.7 C T495C475(1)035A(2)E450 1.7 6.0 450 494 445 198 4.7 C T495C475(1)035A(2)E500 1.7 6.0 500 469 422 188 4.7 C T495C475(1)035A(2)E600 1.7 6.0 600 428 385 171 4.7 C T495C475(1)035A(2)4095 95158-29(1)(2) 1.7 6.0 600 428 385 171 6.8 D T495D685(1)035A(2)E150 2.4 6.0 150 1000 900 400 6.8 D T495D685(1)035A(2)E400 2.4 6.0 400 612 551 245 6.8 X T495X685(1)035A(2)E300 1.9 4.0 300 742 667 297 6.8 X T495X685(1)035A(2)4095 95158-20(1)(2) 1.9 4.0 300 742 667 297 10.0 D T495D106(1)035A(2)E125 3.5 6.0 125 1095 986 438 10.0 D T495D106(1)035A(2)E250 3.5 6.0 250 775 697 310 10.0 D T495D106(1)035A(2)E300 3.5 6.0 300 707 636 283 10.0 D T495D106(1)035A(2)4095 95158-27(1)(2) 3.5 4.0 300 707 636 283 10.0 X T495X106(1)035A(2)E175 3.5 6.0 175 971 874 388 10.0 X T495X106(1)035A(2)E200 3.5 6.0 200 908 817 363 10.0 X T495X106(1)035A(2)E250 2.8 4.0 250 812 731 325 10.0 X T495X106(1)035A(2)4095 95158-21(1)(2) 2.8 4.0 250 812 731 325 15.0 D T495D156(1)035A(2)E225 5.3 6.0 225 816 735 327 15.0 D T495D156(1)035A(2)E300 5.3 6.0 300 707 636 283 15.0 X T495X156(1)035A(2)E200 5.3 6.0 200 908 817 363 15.0 X T495X156(1)035A(2)E225 5.3 6.0 225 856 771 343 15.0 X T495X156(1)035A(2)4095 95158-22(1)(2) 5.3 6.0 225 856 771 343 22.0 D T495D226(1)035A(2)E125 7.7 6.0 125 1095 985 438 22.0 D T495D226(1)035A(2)E200 7.7 6.0 200 866 779 346 22.0 D T495D226(1)035A(2)E250 7.7 6.0 250 775 697 310 22.0 D T495D226(1)035A(2)E300 7.7 6.0 300 707 636 283 22.0 X T495X226(1)035A(2)E125 7.7 6.0 125 1149 1034 460 22.0 X T495X226(1)035A(2)E200 7.7 6.0 200 908 817 363 22.0 X T495X226(1)035A(2)E275 7.7 6.0 275 775 697 410 22.0 X T495X226(1)035A(2)4095 95158-23(1)(2) 7.7 6.0 300 742 667 297 33.0 X T495X336(1)035A(2)E100 11.6 6.0 100 1285 1156 514 33.0 X T495X336(1)035A(2)E175 11.6 6.0 175 971 874 388 33.0 X T495X336(1)035A(2)E250 11.6 6.0 250 812 731 325 33.0 X T495E336(1)035A(2)E200 11.6 6.0 200 1000 900 400 47.0 X T495X476(1)035A(2)E185 16.5 8.0 185 944 850 378 47.0 X T495X476(1)035A(2)E200 16.5 8.0 200 908 817 363 47.0 X T495X476(1)035A(2)E300 16.5 8.0 300 742 667 297 1.0 C T495C105(1)050A(2)E1K3 0.5 4.0 1300 291 262 116 2.2 D T495D225(1)050A(2)E600 1.1 6.0 600 500 450 200 3.3 D T495D335(1)050A(2)E700 1.7 6.0 700 463 417 185 4.7 D T495D475(1)050A(2)E275 2.4 6.0 275 739 665 295 4.7 D T495D475(1)050A(2)E300 2.4 6.0 300 707 636 283 4.7 X T495X475(1)050A(2)E300 1.9 4.0 300 742 667 297 4.7 X T495X475(1)050A(2)4095 95158-24(1)(2) 1.9 4.0 300 742 667 297 6.8 D T495D685(1)050A(2)E190 3.4 6.0 190 888 799 355 6.8 D T495D685(1)050A(2)E200 3.4 6.0 200 866 779 346 6.8 D T495D685(1)050A(2)E275 3.4 6.0 275 739 665 295 6.8 D T495D685(1)050A(2)E300 3.4 8.0 300 700 600 300 10.0 X T495X106(1)050A(2)E250 5.0 8.0 250 774 697 309 10.0 X T495X106(1)050A(2)E260 5.0 6.0 260 796 716 318 10.0 X T495X106(1)050A(2)E300 5.0 6.0 300 741 667 297 15.0 X T495X156(1)050A(2)E200 7.5 8.0 200 908 817 363 15.0 X T495X156(1)050A(2)E300 7.5 8.0 300 742 667 297 25 Volt Rating @ +85°C (17 Volt Rating at +125°C) 35 Volt Rating @ +85°C (23 Volt Rating at +125°C) 50 Volt Rating @ +85°C (33 Volt Rating at +125°C) DC Leakage µA @ 25°C Max DF% @ 25°C 120 Hz Max ESR mΩ @ 25°C 100 kHz Max Ripple Current mA rms @ 25°C, 100 kHz Max Capaci- tance µF Case Size KEMET Part Number DSCC Dwg. No. 95158 Part Number |
Similar Part No. - T495T107M010AHE100 |
|
Similar Description - T495T107M010AHE100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |