Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8X8TS2 Datasheet(PDF) 3 Page - Littelfuse

Part # S8X8TS2
Description  Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8X8TS2 Datasheet(HTML) 3 Page - Littelfuse

  S8X8TS2 Datasheet HTML 1Page - Littelfuse S8X8TS2 Datasheet HTML 2Page - Littelfuse S8X8TS2 Datasheet HTML 3Page - Littelfuse S8X8TS2 Datasheet HTML 4Page - Littelfuse S8X8TS2 Datasheet HTML 5Page - Littelfuse S8X8TS2 Datasheet HTML 6Page - Littelfuse S8X8TS2 Datasheet HTML 7Page - Littelfuse S8X8TS2 Datasheet HTML 8Page - Littelfuse S8X8TS2 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
201
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
EV Series 0.8 Amp Sensitive SCRs
SxX8xSx Series
Figure 3: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
-40
-25
-10
+5
+20
+35
+50+65
+80
+95
+110
+125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Junction Temperature (T
J) - °C
Figure 1: Normalized DC Gate Trigger Current For All
Quadrants vs. Junction Temperature
-40
-15
+25
+65
+105
0.0
0.5
1.0
1.5
2.0
Junction Temperature (T
J) - °C
+125
Figure 4: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 2: Normalized DC Holding Current
vs. Junction Temperature
-55
-35
-15
+5
+25
+45
+65
+85
+105
0.0
1.0
2.0
3.0
4.0
Junction Temperature (T
J) - °C
+125
Figure 5: Maximum Allowable Case Temperature
vs. On-State Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
50
60
70
80
90
100
110
120
130
RMS On-state Current [I
T(RMS)] - Amps
TO-92
SOT-223 & SOT-89
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180o
CASE TEMPERATURE: Measured as
shown on dimensional drawings
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
RMS On-state Current [I
T(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180o


Similar Part No. - S8X8TS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TS2 LITTELFUSE-S8X8TS2 Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S8X8TS2 LITTELFUSE-S8X8TS2 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8TS2 LITTELFUSE-S8X8TS2 Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS2RP LITTELFUSE-S8X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
More results

Similar Description - S8X8TS2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8TSRP LITTELFUSE-S6X8TSRP Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107NERP LITTELFUSE-L0107NERP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S6010DS2RP LITTELFUSE-S6010DS2RP Datasheet
1Mb / 11P
   Teccor짰 brand Thyristors 10 Amp Sensitive & Standard SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
   Thyristors EV Series 0.8 Amp Sensitive SCRs
L0107MTRP LITTELFUSE-L0107MTRP Datasheet
1Mb / 8P
   Teccor짰 brand Thyristors EV Series 1 Amp Sensitive Triacs
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
   Teccor brand Thyristors 0.8 Amp Sensitive SCRs
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
   Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com