Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLR2B30WR0005JTDG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLR2B30WR0005JTDG
Description  SMD Low Ohmic - Current Sense Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TLR2B30WR0005JTDG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLR2B30WR0005JTDG Datasheet HTML 1Page - List of Unclassifed Manufacturers TLR2B30WR0005JTDG Datasheet HTML 2Page - List of Unclassifed Manufacturers TLR2B30WR0005JTDG Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
TLR
2B
10
D
R022
J
TDG
Common Part
TLR - Ultra Low
Ohm Metal Strip
Chip Resistor
* See above chart for Power rating availability per case size
** See above chart for TCR availability per Ohmic Value
Dimensions
2B - 1206
2H - 2010
3A - 2512
*Power Rating
1.0 - 10
1.5 - 15
2.0 - 20
2.5 - 25
3.0 - 30
Resistance Code
R0005 - 0.0005Ω
R00075 - 0.00075Ω
R0015 - 0.0015Ω
R002 - 0.002Ω
R022 - 0.022Ω
Tolerance
J - ±5%
H - ±3%
F - ±1%
**TCR
D - ±50 PPM/°C
W - ±75 PPM/°C
E - ±100 PPM/°C
K - ±150 PPM/°C
Packaging
TDG - 2000 / Reel
Resistance codes example - 3 Marking
Resistance
0.5mΩ
0.75mΩ
Codes
M50
M75
Resistance codes example - 4 Marking
Resistance
1mΩ
1.5mΩ
2mΩ
7mΩ
10mΩ
Codes
R001
1M50
R002
R007
R010
SMD Low Ohmic - Current Sense Resistors
Type TLR Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.
High Power Rating Electrical Specifications
Power
Value Range
TCR
Resistance
Size
Rating (W)
(mΩ)
(ppm/°C)
Tolerance (±%)
2010
1.5
1.0 - 10
50
1,3,5
2.0
0.5 - 10
50
2.5
4.0 - 6.0
50
2512
0.5 - 0.75
100
1,3,5
3.0
1.0 - 3.0
50


Similar Part No. - TLR2B30WR0005JTDG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TLR2B30WR0005JTDG TEC-TLR2B30WR0005JTDG Datasheet
382Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
More results

Similar Description - TLR2B30WR0005JTDG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1625827-5 MACOM-1625827-5 Datasheet
115Kb / 1P
   SMD Low Ohmic - Current Sense Resistors
logo
TE Connectivity Ltd
1773269 TEC-1773269 Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
1773449-3 TEC-1773449-3 Datasheet
382Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
logo
Tyco Electronics
TL2BR068F MACOM-TL2BR068F Datasheet
115Kb / 1P
   SMD Low Ohmic - Current Sense Resistors
2-1622825-2 MACOM-2-1622825-2 Datasheet
177Kb / 5P
   SMD Low Ohmic - Current Sense Resistors
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
   Low Ohmic - Current Sense Resistors
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
   Ultra-Low Ohmic Resistors for Current Detection
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Rohm
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com