Electronic Components Datasheet Search |
|
TLR2H15DR00075JTDG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
TLR2H15DR00075JTDG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page Power Derating Curve Characteristics - Electrical 1206 2010 2512 Resistance Value Range: R001 - R01 R001 - R01 R0005 - R015 Resistance Tolerance: ±1% ±3% ±5% Power Rating: 1.0 Watt 1.0 / 1.5 Watts 1.0 / 2.0 / 2.5 / 3.0 Watts Operating Temperature: -55°C to +170°C Inductance: See below chart T.C.R. See below chart -55 -40 20 0 20 40 60 80 100 120 140 160 175 100 80 60 40 20 0 Ambient Temperature (°C) SMD Low Ohmic - Current Sense Resistors Type TLR Series 1773449-3 CIS WR 03/2012 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. Key Features n Up to 3 Watt at 80°C n Supplied on Tape n Ideal for Current Detection n 12:06, 20:10 and 25:12 Packages Available TE Connectivity (TE) is pleased to offer this unique High Power, metal chip resistor for current sensing positions. It has a special metal resistive element and suitable barrier layers beneath the solder to prolong terminal life. Following the developments by semiconductor manufacturers in the production of a range of IC's for battery charge management and low voltage power supplies, the TLR Series satisfies the demand for a low ohmic shunt resistor to act as a current sensor. It has particular applications in the automotive industry for sensing in EMU's. |
Similar Part No. - TLR2H15DR00075JTDG |
|
Similar Description - TLR2H15DR00075JTDG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |