Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495T107K010AT4095 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T495T107K010AT4095
Description  SOLID TANTALUM CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495T107K010AT4095 Datasheet(HTML) 2 Page - Kemet Corporation

  T495T107K010AT4095 Datasheet HTML 1Page - Kemet Corporation T495T107K010AT4095 Datasheet HTML 2Page - Kemet Corporation T495T107K010AT4095 Datasheet HTML 3Page - Kemet Corporation T495T107K010AT4095 Datasheet HTML 4Page - Kemet Corporation T495T107K010AT4095 Datasheet HTML 5Page - Kemet Corporation T495T107K010AT4095 Datasheet HTML 6Page - Kemet Corporation T495T107K010AT4095 Datasheet HTML 7Page - Kemet Corporation T495T107K010AT4095 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
32
SOLID TANTALUM CHIP CAPACITORS
T495 SERIES—Low ESR, Surge Robust
T495 RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET part number, insert "K" for ±10% or "M" for ±20% capacitance tolerance. (2) To copmplete KEMET part number, insert lead material
(designations per Ordering Information on page 31. * Extended Values
High voltage ratings and tighter capacitance tolerance product may be substituted within
(the same size at KEMET's option. Voltage substitutions will be marked with the higher voltage rating.
(1) To complete KEMET part number, insert “K” for ±10% or “M” for ±20% capacitance tolerance.
(2) To complete KEMET part number, insert lead material designations per Ordering Information on page 31.
* Extended Values
Higher voltage ratings and tighter capacitance tolerance product may be substituted within the same size at KEMET’s
option. Voltage substitutions will be marked with the higher voltage rating.,
25°C
85°C 125°C
100.0
T
T495T107M2R5A(2)E3K0
2.5
24.0
3000
153
137
61
220.0
D
T495D227(1)2R5A(2)E045
5.5
8.0
45
1826
1643
730
470.0
D
T495D477(1)2R5A(2)E035
11.8
8.0
35
2070
1863
828
1000.0
X
T495X108(1)2R5A(2)E030
25.0
15.0
30
2345
2111
938
1000.0
X
T495X108(1)2R5A(2)E040
25.0
15.0
40
2031
1828
812
68.0
V
T495V686(1)004A(2)E150
2.7
6.0
150
913
822
365
100.0
B
T495B107(1)004A(2)E500
4.0
8.0
500
412
371
165
150.0
B
T495B157M004A(2) E900
6.0
12.0
900
307
277
123
150.0
C
T495C157(1)004A(2)E070
6.0
12.0
70
1254
1128
501
150.0
C
T495C157(1)004A(2)E250
6.0
8.0
250
663
597
265
220.0
D
T495D227(1)004A(2)E040
8.8
8.0
40
1936
1743
775
220.0
D
T495D227(1)004A(2)E050
8.8
8.0
50
1732
1559
693
220.0
D
T495D227(1)004A(2)E100
8.8
8.0
100
1225
1102
490
330.0
C
T495C337(1)004A(2)E300
13.2
10.0
300
606
545
242
330.0
C
T495C337(1)004A(2)E700
13.2
12.0
700
396
357
159
330.0
D
T495D337(1)004A(2)E030
13.2
8.0
30
2236
2012
894
330.0
D
T495D337(1)004A(2)E045
13.2
8.0
45
1826
1643
730
470.0
D
T495D477(1)004A(2)E045
18.8
12.0
45
1826
1643
730
470.0
D
T495D477(1)004A(2)E100
18.8
12.0
100
1225
1102
490
470.0
X
T495X477(1)004A(2)E030
18.8
8.0
30
2345
2111
938
470.0
X
T495X477(1)004A(2)E045
18.8
8.0
45
1915
1723
766
470.0
X
T495X477(1)004A(2)E100
18.8
8.0
100
1285
1156
514
1000.0
X
T495X108(1)004A(2)E030
40.0
12.0
30
2345
2111
938
1000.0
X
T495X108(1)004A(2)E040
40.0
12.0
40
2031
1828
812
1000.0
X
T495X108(1)004A(2)E060
40.0
12.0
60
1658
1492
663
1000.0
X
T495X108(1)004A(2)E070
40.0
12.0
70
1535
1381
614
1000.0
E
T495E108(1)004A(2)E035
40.0
15.0
35
2390
2151
956
1000.0
E
T495E108(1)004A(2)E050
40.0
15.0
50
2000
1800
800
47.0
B
T495B476(1)006A(2)E450
3.0
6.0
450
435
392
174
47.0
C
T495C476(1)006A(2)E250
2.9
6.0
250
663
597
265
47.0
V
T495V476(1)006A(2)E150
3.0
6.0
150
913
822
365
68.0
D
T495D686(1)006A(2)E175
3.3
4.0
175
926
833
370
68.0
D
T495D686(1)006A(2)4095
95158-01(1)(2)
3.3
4.0
175
926
833
370
100.0
B
T495B107(1)006A(2)E400
6.3
15.0
400
461
415
184
100.0
B
T495B107M006A(2)E700
6.3
15.0
700
348
313
139
100.0
C
T495C107(1)006A(2)E075
6.3
8.0
75
1211
1090
484
100.0
C
T495C107(1)006A(2)E150
6.0
8.0
150
856
770
342
100.0
D
T495D107(1)006A(2)E050
6.0
6.0
50
1732
1559
693
100.0
D
T495D107(1)006A(2)E130
6.0
6.0
130
1074
967
430
100.0
D
T495D107(1)006A(2)E150
6.0
8.0
150
1000
900
400
100.0
V
T495V107(1)006A(2)E090
6.0
8.0
90
1179
1061
471
100.0
V
T495V107(1)006A(2)E150
6.0
8.0
150
913
822
365
150.0
C
T495C157(1)006A(2)E050
9.5
8.0
50
1483
1335
593
150.0
C
T495C157M006A(2)E200
9.0
8.0
200
742
668
297
150.0
V
T495V157(1)006A(2)E040
9.5
8.0
40
1768
1591
707
150.0
V
T495V157(1)006A(2)E070
9.0
8.0
70
1336
1203
535
150.0
D
T495D157(1)006A(2)E050
9.0
6.0
50
1732
1559
693
150.0
D
T495D157(1)006A(2)E125
9.0
6.0
125
1095
986
438
150.0
X
T495X157(1)006A(2)E100
7.2
6.0
100
1285
1156
514
150.0
X
T495X157(1)006A(2)4095
95158-02(1)(2)
7.2
6.0
125
1150
1040
460
220.0
C
T495C227(1)006A(2)E225
13.9
10.0
225
700
600
300
220.0
D
T495D227(1)006A(2)E045
13.2
8.0
45
1826
1643
730
220.0
D
T495D227(1)006A(2)E100
13.9
8.0
100
1225
1102
490
220.0
D
T495D227(1)006A(2)4095
95158-25(1)(2)
13.2
8.0
100
1225
1102
490
220.0
X
T495X227(1)006A(2)E070
13.2
8.0
70
1535
1381
614
220.0
X
T495X227(1)006A(2)E100
13.2
8.0
100
1285
1156
514
220.0
X
T495X227(1)006A(2)4095
95158-03(1)(2)
13.2
8.0
100
1285
1156
514
330.0
D
T495D337(1)006A(2)E040
20.8
8.0
40
1936
1743
775
330.0
D
T495D337(1)006A(2)E050
20.8
8.0
50
1732
1559
693
330.0
D
T495D337(1)006A(2)E070
20.8
8.0
70
1464
1317
586
330.0
D
T495D337(1)006A(2)E100
20.8
8.0
100
1225
1102
490
330.0
X
T495X337(1)006A(2)E065
19.8
8.0
65
1593
1434
637
330.0
X
T495X337(1)006A(2)E045
19.8
8.0
45
1915
1723
766
330.0
X
T495X337(1)006A(2)E100
19.8
8.0
100
1285
1723
766
330.0
E
T495E337(1)006A(2)E060
20.8
8.0
60
1826
1643
730
330.0
E
T495E337(1)006A(2)E100
20.8
8.0
100
1414
1273
566
470.0
D
T495D477M006A(2)E045
29.6
12.0
45
1826
1643
730
470.0
D
T495D477(1)006A(2)E100
29.6
12.0
100
1225
1102
490
470.0
D
T495D477(1)006A(2)E125
29.6
12.0
125
1095
986
438
470.0
X
T495X477(1)006A(2)E030
28.2
10.0
30
2345
2111
938
470.0
X
T495X477(1)006A(2)E045
28.2
10.0
45
1915
1723
766
470.0
X
T495X477(1)006A(2)E050
28.2
10.0
50
1816
1634
726
470.0
X
T495X477(1)006A(2)E065
28.2
10.0
65
1593
1434
637
470.0
E
T495E477(1)006A(2)E040
29.6
12.0
40
2236
2012
894
470.0
E
T495E477(1)006A(2)E055
29.6
10.0
55
1907
1716
763
470.0
E
T495E477(1)006A(2)E100
29.6
10.0
100
1414
1273
566
1000.0
E
T495E108(1)006A(2)E050
63.0
15.0
50
2000
1800
800
Ripple Current
mA rms @
25°C, 100 kHz Max
4 Volt Rating @ +85°C (2.7 Volt Rating at +125°C)
6/6.3 Volt Rating @ +85°C (4 Volt Rating at +125°C)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DSCC Dwg.
No. 95158
Part Number
DC
Leakage
µA @
25°C
Max
DF%
@ 25°C
120 Hz
Max
ESR mΩ
@ 25°C
100 kHz
Max
2.5 Volt Rating @ +85°C (1.7 Volt Rating at +125°C)
25°C
85°C 125°C
4.7
A
T495A475(1)010A(2)E1K3
0.5
6.0
1300
240
216
96
4.7
B
T495B475(1)010A(2)E1K3
0.5
15.0
1300
256
230
102
6.8
A
T495A685(1)010A(2)E1K8
0.7
6.0
1800
204
184
82
6.8
B
T495B685(1)010A(2)E900
0.7
6.0
900
307
277
123
6.8
A
T495A106(1)010A(2)E1K8
1.0
6.0
1800
204
184
82
10.0
B
T495B106(1)010A(2)E750
1.0
6.0
750
337
303
135
15.0
B
T495B156(1)010A(2)E500
1.5
6.0
500
412
371
165
15.0
C
T495C156(1)010A(2)E375
1.5
6.0
375
542
487
217
15.0
C
T495C156(1)010A(2)E400
1.5
6.0
400
524
472
210
15.0
C
T495C156(1)010A(2)E475
1.5
6.0
475
481
433
192
22.0
C
T495C226(1)010A(2)E290
2.2
6.0
290
616
554
246
22.0
C
T495C226(1)010A(2)E345
2.2
6.0
345
565
508
226
33.0
B
T495B336(1)010A(2)E450
3.3
6.0
450
435
392
174
33.0
V
T495V336(1)010A(2)E100
3.3
6.0
100
1118
1006
447
33.0
V
T495V336(1)010A(2)E150
3.3
6.0
150
913
822
365
47.0
B
T495B476(1)010A(2)E500
4.7
6.0
500
412
371
164
47.0
D
T495D476(1)010A(2)E080
3.8
4.0
80
1369
1232
548
47.0
D
T495D476(1)010A(2)E090
4.7
6.0
90
1291
1162
516
47.0
D
T495D476(1)010A(2)E200
3.8
4.0
200
866
780
346
47.0
D
T495D476(1)010A(2)4095
95158-04(1)(2)
3.8
4.0
200
866
780
346
68.0
B
T495B686(1)010A(2)E600
6.8
10.0
600
376
339
151
68.0
B
T495B686(1)010A(2)E750
1.5
10.0
750
337
303
135
68.0
B
T495B686M010A(2)E900
6.8
10.0
900
307
276
123
68.0
C
T495C686(1)010A(2)E080
6.8
6.0
80
1173
1055
469
68.0
C
T495C686(1)010A(2)E225
6.8
6.0
225
700
630
280
68.0
V
T495V686(1)010A(2)E070
6.8
6.0
70
1336
1203
535
68.0
V
T495V686(1)010A(2)E100
6.8
6.0
100
1118
1006
447
68.0
V
T495V686(1)010A(2)E140
6.8
6.0
140
945
850
378
68.0
D
T495D686(1)010A(2)E070
6.8
6.0
70
1464
1317
586
68.0
D
T495D686(1)010A(2)E090
6.8
6.0
90
1291
1162
516
68.0
D
T495D686(1)010A(2)E150
6.8
6.0
150
1000
900
400
68.0
X
T495X686(1)010A(2)E150
5.4
4.0
150
1049
944
420
68.0
X
T495X686(1)010A(2)4095
95158-05(1)(2)
5.4
4.0
150
1049
944
420
100.0
V
T495V107(1)010A(2)E100
10.0
8.0
100
1118
1006
447
100.0
V
T495V107(1)010A(2)E150
10.0
8.0
150
913
822
365
100.0
D
T495D107(1)010A(2)E050
10.0
8.0
50
1732
1559
693
100.0
D
T495D107(1)010A(2)E065
10.0
8.0
65
1519
1367
608
100.0
D
T495D107(1)010A(2)E080
10.0
8.0
80
1369
1232
548
100.0
D
T495D107(1)010A(2)E100
10.0
8.0
100
1220
1100
490
100.0
D
T495D107(1)010A(2)4095
95158-06(1)(2)
10.0
8.0
100
1220
1100
490
100.0
X
T495X107(1)010A(2)E100
8.0
6.0
100
1285
1156
514
100.0
X
T495X107(1)010A(2)4095
95158-07(1)(2)
8.0
6.0
100
1285
1156
514
150.0
V
T495V157(1)010A(2)E100
15.0
8.0
100
1118
1006
447
150.0
V
T495V157M010A(2)E150
15.0
8.0
150
913
822
365
150.0
D
T495D157(1)010A(2)E050
15.0
8.0
50
1732
1559
693
150.0
D
T495D157(1)010A(2)E060
15.0
8.0
60
1581
1423
632
150.0
D
T495D157(1)010A(2)E080
15.0
8.0
80
1369
1232
548
150.0
D
T495D157(1)010A(2)E100
15.0
8.0
100
1225
1102
490
150.0
D
T495D157(1)010A(2)4095
95158-26(1)(2)
15.0
8.0
100
1225
1102
490
150.0
X
T495X157(1)010A(2)E070
15.0
8.0
70
1535
1382
614
150.0
X
T495X157(1)010A(2)E080
15.0
8.0
80
1436
1293
574
150.0
X
T495X157(1)010A(2)E085
15.0
8.0
85
1393
1254
557
150.0
X
T495X157(1)010A(2)E100
15.0
8.0
100
1285
1156
514
150.0
X
T495X157(1)010A(2)4095
95158-08(1)(2)
15.0
8.0
100
1285
1156
514
DC
Leakage
µA @
25°C
Max
DF%
@ 25°C
120 Hz
Max
ESR mΩ
@ 25°C
100 kHz
Max
Ripple Current mA
rms @
25°C, 100 kHz Max
10 Volt Rating @ +85°C (7 Volt Rating at +125°C)
Capaci-
tance µF
Case
Size
KEMET
Part Number
DSCC Dwg.
No. 95158
Part Number


Similar Part No. - T495T107K010AT4095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495T107K010ATE045 KEMET-T495T107K010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495T107K010ATE0457280 KEMET-T495T107K010ATE0457280 Datasheet
1Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR
T495T107K010ATS4095 KEMET-T495T107K010ATS4095 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T495T107K010ATSE100 KEMET-T495T107K010ATSE100 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T495T107K010ATSE1K5 KEMET-T495T107K010ATSE1K5 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T495T107K010AT4095

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
597D227X9020R2T VISHAY-597D227X9020R2T Datasheet
827Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 25-Jun-13
logo
Kemet Corporation
T494A105M035AT KEMET-T494A105M035AT Datasheet
751Kb / 7P
   SOLID TANTALUM CHIP CAPACITORS
T498 KEMET-T498 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T510 KEMET-T510 Datasheet
981Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
logo
Vishay Siliconix
592D VISHAY-592D_17 Datasheet
335Kb / 25P
   Solid Tantalum Chip Capacitors
Revision: 27-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com