Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN8882 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPN8882
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN8882 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPN8882_11 Datasheet HTML 1Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 2Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 3Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 4Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 5Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 6Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 7Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 8Page - SYNC POWER Crop. SPN8882_11 Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2011/04/19
Ver.4
Page 3
SPN8882
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS = 0V , ID =250uA
30
Gate Threshold Voltage
VGS(th) VDS = VGS,IDS =250uA
0.8
2.4
V
Gate Leakage Current
IGSS
VDS = 0V,VGS = ±20 V
±100
nA
VDS = 24V,VGS =0V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 24V,VGS =0V,
TJ = 125C
100
uA
VGS = 10V, ID = 35A
0.008
0.010
Drain-Source On-Resistance
RDS(on)
VGS = 4.5V, ID = 35A
0.012
0.014
Forward Transconductance
gfs
VDS = 15V, ID =20 A
10
S
Diode Forward Voltage
VSD
IF = 40 A,VGS = 0V
1.0
1.5
V
Dynamic
Total Gate Charge
Qg
12
20
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
VDS = 15V,VGS = 5V,
ID =50 A
5
nC
Input Capacitance
Ciss
1500
Output Capacitance
Coss
320
Reverse Transfer Capacitance
Crss
VGS = 0V, VDS = 25V,
F=1MHz
200
pF
td(on)
8
12
Turn-On Time
tr
10
15
td(off)
18
30
Turn-Off Time
tf
(VDD = 15 V,ID = 50 A,
VGS=10V,RG = 2.5Ω)
6
9
ns


Similar Part No. - SPN8882_11

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN8882T251T SYNC-POWER-SPN8882T251T Datasheet
239Kb / 9P
   N-Channel Enhancement Mode MOSFET
SPN8882T252R SYNC-POWER-SPN8882T252R Datasheet
239Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SPN8882T252RG VBSEMI-SPN8882T252RG Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SPN8882_11

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com