Electronic Components Datasheet Search |
|
T495D107K010AG4095 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T495D107K010AG4095 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 8 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 35 SOLID TANTALUM CHIP CAPACITORS T495 SERIES—Low ESR, Surge Robust Note that standard values are preferred, especially where high surge currents are possible. Extended values are available to increase capacitance and reduce ESR. Note that standard CV values demonstrate inherently lower failure rates than extended CV values, especially in low impedance applications. T495 TANTALUM CHIP CAPACITANCE VALUES Case Size and Max. ESR (m Ω Ω) by Capacitance & Voltage Standard Capacitance V alues Note that standard values are preferred, especially where high surge currents are possible.Extended values are available to increase capacitance and reduce ESR. Note that standard CV values demonstrate inherently lower failure rates than extended CV values, especially in low impedance applications. D D,100,150,200 D,90,100 D,225,300 X,175 D,300 X,175,250 47.0 476 B,450 C,250 V,150 B, 500 D,80,90, 200 C,350 D,100,150, 200 D,75,100,17 5 X,65,100 X,125, µF Code 2.5 4 6 10 16 20 25 35 50 0.47 474 A,4500 B,1500 B,2200 1.0 105 A,3000 A,3000 B,1500 B,1700 C,1300 2.2 225 A,1800 C,1300 B,1500 C,750 D,600 3.3 335 A,3000 C,750 B,900 C,525,550,600 D,700 4.7 475 A,1300 B,1300 A,2000 B,700 C,575 B,1000 C,450,500 C,600 D,275,300 X,300 6.8 685 A,1800 B,900 C,750 B,1500 C,400,490,50 0 D,400 X,300 D,190,200,27 5 D,300 10.0 106 A,1800 B,750 A,1700 T,4000 B,1000 C,400,475 B,750 C,450 D,120,125,250D ,300 X,175,200 X,250 X,250,300 15.0 156 B,500 C,375,400, 475 A,2500 B,800 C,375 D,275 D,100,275 X,200 C,350 D,225,300 X,200,225 X,300 22.0 226 A,900 B,500 C,290,345 B,600 D,180,225 D,275 C, 300,900 D,200 X,225 D,125,200,250 D300 X,125,200,275, 300 33.0 336 B,450 V,100,150 C,200,225, 275 D,150,175, D,225,250 D,100,150 200 D,90,100 D,225,300 X,100,175 D,300 X,100,175,250 E,200 47.0 476 B,450 C,250 V,150 B, 500 D,80,90, 200 C,350 D,100,150, 200 D,75,100,175 X,65,100 X,125,150 D,120,250 X,80,150,185, 200 X,185,200, 300 68.0 686 V,150 D,175 V,70,100,140 B,600,750 B,900 C,80,225 D,90,150 X,150 V,180,300 D,150 D,70,150 X,120,150 X,125,150 200 100.0 107 T, 3000 B,500 V,90,150 B,400,700 C,75,150 D,150 C,100 V,100,150 D,50,65, 80,100 X,100 D,100,125 X,80,100, 125 X,150 E,60,85,100 200 E,100 150.0 157 B,900 C.70,250 V,40,70 C,50,200 X,100,125 C,200 D,50,60,80,100 X,70,80,85,100 V,100,150 D,100,125, 150 X,75,100 E,80 220.0 227 D,45 C,225 D,45,100 X,70,100 V,150 D,45,75 D,100,125 X, 45,50,60, 70,100 X,100 E,50,100,150 330.0 337 C,300,700 D,30,45 X,45,65, X,100 D,40,50,70, D,100 E,40,60,100 D,100,125 X,35,50,60 E,40,60,100 470.0 477 D,35 D,45,100 X,30,45,100 X,30,45,50, X,65 D,45,100,125 E,40,55,100 X,45,50 E,40,60,100 680.0 687 1000.0 108 X,30,40 X,30,40,60,70 E,35,50 E,50 Capacitance Rated Voltage @ +85°C |
Similar Part No. - T495D107K010AG4095 |
|
Similar Description - T495D107K010AG4095 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |