Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73836 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 73836
Description  STATSHIELD SMOCKS AND GLOVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

73836 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  73836 Datasheet HTML 1Page - List of Unclassifed Manufacturers 73836 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Web Site: www.desco.com • Phone: (909) 627-8178 • Fax: (909) 627-7449
14
SMOCKS AND GLOVES
See our products being
Made in America
on our web site:
www.desco.com/factory
ECONOMY SMOCKS
STATIC DISSIPATIVE GLOVES
68105
Man's Small, Beige
68104
Man's Medium, Blue
68103
Man's Large, Brown
68106
Man's Extra Large, Grey
68102
Woman's Small, Pink
68101
Woman's Medium, Red
68100
Woman's Large, Orange
• Non-allergenic polyester glove
Comfortable, antistatic; low tribocharging material will
conduct charges to ground
• Installed 4mm snap stud
Attaches to coil cord; eliminating need for wristband
• RTG 105 - 107
Can be tested with standard wrist strap testers
• Color coded, numerous sizes available
Better fit provides high tactile sensitivity; size easily
identified
• Made in America
Drawing 68100
STATIC DISSIPATIVE
HOT GLOVES
68112
Small
68111
Medium
68110
Large
• Non-allergenic polyester glove
Comfortable, antistatic, low tribocharging material will
conduct charges to ground
• Nomex® lining
Operator can handle objects to a temperature of 200°F
maximum
• Installed 4mm snap stud
Attaches to coil cord
• RTG 105 - 107
Can be tested with standard wrist strap tester
• Unisex sizes
Versatile, with minimum inventory
• Made in America
Drawing 68110
Size
BLUE
X Small
73880
Small
73881
Medium
73882
Large
73883
X Large
73884
2X Large
73885
3X Large
73886
4X Large
73887
5X Large
73888
6X Large
73889
• Elastic in sleeve end connects conductive fabric to
user's skin; path to ground requires use of regular
wrist strap or foot grounder
Less expensive smock for use when premium features
are not required
• Same fabric as premium product
Identical weight, charge decay, and durability
• Made in America
Technical Bulletin TB-3008
73882
68104
68111
Size
CHEST
SLEEVE
X Small
30"-32"
33 3/4"
Small
34"-36"
34"
Medium
38"-40"
34 3/8"
Large
42"-44"
35"
X Large
46"-48"
35 1/2"
2X Large
50"-52"
35 1/2"
3X Large
54"-56"
37 1/2"
4X Large
58"-60"
36 1/2"
5X Large
62"-64"
36"
6X Large
66"-68"
36"
Our gloves eliminate the
need for wristbands and
help prevent Charged
Device Model failures


Similar Part No. - 73836

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73836 ETC2-73836 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
More results

Similar Description - 73836

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73616 ETC2-73616 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73822 ETC2-73822 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
TB-2055 ETC2-TB-2055 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73837 ETC2-73837 Datasheet
612Kb / 4P
   Statshield Smocks Grounding, Testing and Maintenance
73832 ETC2-73832 Datasheet
609Kb / 4P
   ESD Statshield Protective Smocks Grounding, Testing and Maintenance
logo
Bertech.
NPF BERTECH-NPF Datasheet
155Kb / 1P
   Cleanroom Compatible Nitrile Gloves
LPF BERTECH-LPF Datasheet
173Kb / 1P
   Cleanroom Compatible Latex Gloves
logo
3M Electronics
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
   3M™ Comfort Grip Gloves
January 2020
logo
List of Unclassifed Man...
13460 ETC2-13460 Datasheet
146Kb / 1P
   STATSHIELD METAL-IN SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com