Electronic Components Datasheet Search |
|
CD74HCT4067 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
CD74HCT4067 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 16 page 5 Switch Turn On E to Out tPZH, tPZL CL = 50pF 2 - - 275 - 345 - 415 ns 4.5 - - 55 - 69 - 83 ns 6 - - 47 - 59 - 71 ns CL = 15pF 5 - 23 - ---- ns Switch Turn On Sn to Out tPZH, tPZL CL = 50pF 2 - - 300 - 375 - 450 ns 4.5 - - 60 - 75 - 90 ns 6 - - 51 - 64 - 76 ns CL = 15pF 5 - 25 - ---- ns Switch Turn Off E to Out tPHZ, tPLZ CL = 50pF 2 - - 275 - 345 - 415 ns 4.5 - - 55 - 69 - 83 ns 6 - - 47 - 59 - 71 ns CL = 15pF 5 - 23 - ---- ns Switch Turn Off Sn to Out tPHZ, tPLZ CL = 50pF 2 - - 290 - 365 - 435 ns 4.5 - - 58 - 73 - 87 ns 6 - - 49 - 62 - 74 ns CL = 50pF 5 - 21 - ---- ns Input (Control) Capacitance CI - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 5, 6) CPD - 5 - 93 - ---- pF HCT TYPES Propagation Delay Time Switch In to Out tPLH, tPHL CL = 50pF 4.5 - - 15 - 19 - 22 ns CL = 15pF 5 - 6 - ---- ns Switch Turn On E to Out tPZH, tPZL CL = 50pF 4.5 - - 60 - 75 - 90 ns CL = 15pF 5 - 25 - ---- ns Switch Turn On Sn to Out tPZH, tPZL CL = 50pF 4.5 - - 60 - 75 - 90 ns CL = 15pF 5 - 25 - ---- ns Switch Turn Off E to Out tPHZ, tPLZ CL = 50pF 4.5 - - 55 - 69 - 83 ns CL = 15pF 5 - 23 - ---- ns Switch Turn Off Sn to Out tPHZ, tPLZ CL = 50pF 4.5 - - 58 - 73 - 87 ns CL = 15pF 5 - 21 - ---- ns Input (Control) Capacitance CI - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 5, 6) CPD - 5 - 96 - ---- pF NOTES: 5. CPD is used to determine the dynamic power consumption, per package. 6. PD =CPD VCC 2 f i + Σ (CL +CS)VCC 2 f o where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch capacitance, VCC = supply voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CD74HC4067, CD74HCT4067 |
Similar Part No. - CD74HCT4067 |
|
Similar Description - CD74HCT4067 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |