Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AS5134 Datasheet(PDF) 11 Page - ams AG

Part No. AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 11 Page - ams AG

Back Button AS5134_04 Datasheet HTML 7Page - ams AG AS5134_04 Datasheet HTML 8Page - ams AG AS5134_04 Datasheet HTML 9Page - ams AG AS5134_04 Datasheet HTML 10Page - ams AG AS5134_04 Datasheet HTML 11Page - ams AG AS5134_04 Datasheet HTML 12Page - ams AG AS5134_04 Datasheet HTML 13Page - ams AG AS5134_04 Datasheet HTML 14Page - ams AG AS5134_04 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
10 - 32
AS5134
Datasheet - Detailed Descr i pti on
7.4 Serial 2-Wire Connection (R/W Mode)
By connecting the configuration input C2 to VDD, the AS5134 is configured to 2-wire data transmission mode. Only Clock (DCLK) and Data
(DIO) signals are required. A Chip Select (CS) signal is automatically generated by the DX output, when a time-out of DCLK occurs.
Note: Read-only mode is also possible in this configuration.
Figure 6. 2-Wire R/W Mode
+5V
VDD
VDD
DCLK
DIO
VSS
VSS
C2
100nF
VSS
VDD
I/O
Output
1
2
3
4
5
67
D15
D14
D1
D0
DCLK
DIO
CS
DIO
command phase
data phase
t1
DIO read
DIO write
8
DX
CMD4
CMD3
CMD2
CMD1
CMD0
22
timeout phase
tTO
t0
t5
t6


Similar Part No. - AS5134_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
List of Unclassifed Manufacturers
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
ams AG
ams AG
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz