Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AS5134 Datasheet(PDF) 23 Page - ams AG

Part No. AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 23 Page - ams AG

Back Button AS5134_04 Datasheet HTML 19Page - ams AG AS5134_04 Datasheet HTML 20Page - ams AG AS5134_04 Datasheet HTML 21Page - ams AG AS5134_04 Datasheet HTML 22Page - ams AG AS5134_04 Datasheet HTML 23Page - ams AG AS5134_04 Datasheet HTML 24Page - ams AG AS5134_04 Datasheet HTML 25Page - ams AG AS5134_04 Datasheet HTML 26Page - ams AG AS5134_04 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
22 - 32
AS5134
Datasheet - Application In form atio n
Figure 17. OTP Programming Connection
Note: The maximum capacitive load at PROG in normal operation is less than 20pF. However, during programming the capacitors C1+C2 are
needed to buffer the programming voltage during current spikes, but they must be removed for normal operation. To overcome this
contradiction, the recommendation is to add a diode (4148 or similar) between PROG and VDD as shown in Figure 17 (special case
setup), if the capacitors can not be removed at final assembly.
Due to D1, the capacitors C1+C2 are loaded with VDD-0.7V at startup, hence not influencing the readout of the internal OTP registers.
During programming the OTP, the diode ensures that no current is flowing from PROG (8-8.5V) to VDD (5V).
In the standard case (see Figure 17), the verification of a correct OTP readout can be done either by analog readback of the OTP reg-
ister or with the aid of the OTP_OK bit. The special case setup provides only the OTP_OK bit for verifying the correct reading of the
OTP. Analog readback is not usable in the special case mode, as the diode pulls the PROG pin to VDD.
The OTP_OK bit can be accessed with command #4 (see Table 9).
As long as the PROG pin is accessible it is recommended to use standard setup. In case the PROG pin is not accessible at final
assembly, the special setup is recommended.
8.1.2 Programming Verification
After programming, the programmed OTP bits must be verified in two ways:
Digital Read Out (Mandatory): After sending a READ OTP command, the readback information must be the same as programmed
information. Otherwise, it indicates that the programming was not performed correctly.
Note: Either “Digital Verification” or “Analog Verification” must be carried out in addition to the “Digital Read Out”.
Digital Verification: Checking the OTP_OK bit (0 = OK, 1 = error)
i) At room temperature
ii) Right after the programming
Analog Verification: By switching into Extended Mode and sending a READ ANA command, the pin PROG becomes an output sending an
analog voltage with each clock representing a sequence of the bits in the OTP register (starting with D61). A voltage of <500mV indicates a
correctly programmed bit (“1”) while a voltage level between 2V and 3.5V indicates a correctly unprogrammed bit (“0”). Any voltage level in
between indicates incorrect programming.
VDD
VSUPPLY
PROG
GND
C1
C2
100nF
10µF
Vzapp
Vprog
PROM Cell
maximum
parasitic cable
inductance
L<50nH
Standard Case
VDD
VSUPPLY
PROG
GND
C1
C2
100nF
10µF
Vzapp
Vprog
PROM Cell
L<50nH
Special Case
Remove for normal operation


Similar Part No. - AS5134_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
More results

Similar Description - AS5134_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
List of Unclassifed Manufacturers
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
ams AG
ams AG
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
   8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
   8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_04 Datasheet
2Mb / 38P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz