Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AS5140H Datasheet(PDF) 9 Page - ams AG

Part No. AS5140H
Description  10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 9 Page - ams AG

Back Button AS5140H_04 Datasheet HTML 5Page - ams AG AS5140H_04 Datasheet HTML 6Page - ams AG AS5140H_04 Datasheet HTML 7Page - ams AG AS5140H_04 Datasheet HTML 8Page - ams AG AS5140H_04 Datasheet HTML 9Page - ams AG AS5140H_04 Datasheet HTML 10Page - ams AG AS5140H_04 Datasheet HTML 11Page - ams AG AS5140H_04 Datasheet HTML 12Page - ams AG AS5140H_04 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.austriamicrosystems.com/AS5140H
Revision 1.4
8 - 37
AS5140H
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6.2 Magnetic Input Specification
6.3 Electrical System Specifications
VOL
Low level output voltage
VSS+0.4
V
IO
Output current
VDD5V:4.5V
4
mA
VDD5V:3V
2
Table 9. Tristate CMOS Output: DO
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High level output voltage
VDD5V-
0.5
V
VOL
Low level output voltage
VSS+0.4
V
IO
Output current
VDD5V:4.5V
4
mA
VDD5V:3V
2
IOZ
Tri-state leakage current
1
µA
Table 10. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Magnetic Input Specification (Two-pole cylindrical diametrically magnetized source)
dmag
Diameter
Recommended magnet: Ø 6mm x 2.5mm
for cylindrical magnets
46
mm
tmag
Thickness
2.5
Bpk
Magnetic input field amplitude
Required vertical component of the
magnetic field strength on the die’s surface,
measured along a concentric circle with a
radius of 1.1mm
45
75
mT
Boff
Magnetic offset
Constant magnetic stray field
±10
mT
Field non-linearity
Including offset gradient
5
%
fmag_abs
Input frequency (rotational speed of
magnet)
Absolute mode: 600 rpm @ readout of 1024
positions (see Table 19)
10
Hz
fmag_inc
Incremental mode: no missing pulses at
rotational speeds of up to 10.000 rpm (see
Table 19)
166
Hz
Disp
Displacement Radius
Max. X-Y offset between defined IC
package center and magnet axis (see
Figure 19)
0.25
mm
Max. X-Y offset between chip center and
magnet axis
0.485
Chip placement tolerance
Placement tolerance of chip within IC
package (see Figure 21)
±0.235
mm
Recommended magnet material and
temperature drift
NdFeB (Neodymium Iron Boron)
-0.12
%/K
SmCo (Samarium Cobalt)
-0.035
Table 11. Electrical System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution
1
0.352 deg
10
bit
Table 8. CMOS Output: A, B, Index, PWM (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140HASST AMSCO-AS5140HASST Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASSU AMSCO-AS5140HASSU Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
More results

Similar Description - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
List of Unclassifed Manufacturers
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
ams AG
ams AG
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz