Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AS5140H Datasheet(PDF) 16 Page - ams AG

Part No. AS5140H
Description  10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 16 Page - ams AG

Back Button AS5140H_04 Datasheet HTML 12Page - ams AG AS5140H_04 Datasheet HTML 13Page - ams AG AS5140H_04 Datasheet HTML 14Page - ams AG AS5140H_04 Datasheet HTML 15Page - ams AG AS5140H_04 Datasheet HTML 16Page - ams AG AS5140H_04 Datasheet HTML 17Page - ams AG AS5140H_04 Datasheet HTML 18Page - ams AG AS5140H_04 Datasheet HTML 19Page - ams AG AS5140H_04 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
www.austriamicrosystems.com/AS5140H
Revision 1.4
15 - 37
AS5140H
Data Sheet - D e t a i l e d D e s c r i p t i o n
Programming Daisy Chained Devices. In Daisy Chain mode, the Prog pin is connected directly to the DO pin of the subsequent device in
the chain (see Figure 6). During programming (see Programming the AS5140H on page 19), a programming voltage of 7.5V must be applied to
pin Prog. This voltage level exceeds the limits for pin DO, so one of the following precautions must be made during programming:
Open the connection
during programming, (or)
Add a Schottky diode between DO and Prog (Anode = DO, Cathode = Prog)
Due to the parallel connection of CLK and CSn, all connected devices may be programmed simultaneously.
7.2 Incremental Outputs
Three different incremental output modes are possible with quadrature A/B being the default mode. Figure 8 shows the two-channel quadrature
as well as the step / direction incremental signal (LSB) and the direction bit in clockwise (CW) and counter-clockwise (CCW) direction.
7.2.1 Quadrature A/B Output (Quad A/B Mode)
The phase shift between channel A and B indicates the direction of the magnet movement. Channel A leads channel B at a clockwise rotation of
the magnet (top view) by 90 electrical degrees. Channel B leads channel A at a counter-clockwise rotation.
Figure 8. Incremental Output Modes
7.2.2 LSB Output (Step/Direction Mode)
Output LSB reflects the LSB (least significant bit) of the programmed incremental resolution (OTP Register Bit Div0, Div1). Output Dir provides
information about the rotational direction of the magnet, which may be placed above or below the device (1=clockwise; 0=counter clockwise; top
view). Dir is updated with every LSB change. In both modes (quad A/B, step/direction), the resolution and the index output are user
programmable. The index pulse indicates the zero position and is by default one angular step (1LSB) wide. However, it can be set to three LSBs
by programming the Index-bit of the OTP register accordingly (see Table 20).
DO
Prog
tIncremental outputs valid
tDir valid
LSB
Dir
CSn
Clockwise cw
Counterclockwise ccw
Index
Step / Dir-Mode
B
A
Quad A/B-Mode
Index=1
3 LSB
Index=0
1 LSB
Hyst=
2LSB
Mechanical
Zero Position
Mechanical
Zero Position
Rotation Direction
Change


Similar Part No. - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140HASST AMSCO-AS5140HASST Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASSU AMSCO-AS5140HASSU Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
More results

Similar Description - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
List of Unclassifed Manufacturers
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
ams AG
ams AG
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz