Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AS5140H Datasheet(PDF) 17 Page - ams AG

Part No. AS5140H
Description  10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 17 Page - ams AG

Back Button AS5140H_04 Datasheet HTML 13Page - ams AG AS5140H_04 Datasheet HTML 14Page - ams AG AS5140H_04 Datasheet HTML 15Page - ams AG AS5140H_04 Datasheet HTML 16Page - ams AG AS5140H_04 Datasheet HTML 17Page - ams AG AS5140H_04 Datasheet HTML 18Page - ams AG AS5140H_04 Datasheet HTML 19Page - ams AG AS5140H_04 Datasheet HTML 20Page - ams AG AS5140H_04 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
www.austriamicrosystems.com/AS5140H
Revision 1.4
16 - 37
AS5140H
Data Sheet - D e t a i l e d D e s c r i p t i o n
Incremental Power-up Lock Option. After power-up, the incremental outputs can optionally be locked or unlocked, depending on the
status of the CSn pin:
CSn = low at power-up: CSn has an internal pull-up resistor and must be externally pulled low (
). If Csn is low at power-up,
the incremental outputs (A, B, Index) will be high until the internal offset compensation is finished. This unique state (A=B=Index = high)
may be used as an indicator for the external controller to shorten the waiting time at power-up. Instead of waiting for the specified maximum
power up-time (0), the controller can start requesting data from the AS5140H as soon as the state (A=B=Index = high) is cleared.
CSn = high or open at power-up: In this mode, the incremental outputs (A, B, Index) will remain at logic high state, until CSn goes low or a
low pulse is applied at CSn. This mode allows intentional disabling of the incremental outputs until, for example the system microcontroller
is ready to receive data.
7.2.3 Incremental Output Hysteresis
To avoid flickering incremental outputs at a stationary magnet position, a hysteresis is introduced. In case of a rotational direction change, the
incremental outputs have a hysteresis of 2 LSB. Regardless of the programmed incremental resolution, the hysteresis of 2 LSB always
corresponds to the highest resolution of 10 bit. In absolute terms, the hysteresis is set to 0.704 degrees for all resolutions. For constant rotational
directions, every magnet position change is indicated at the incremental outputs (see Figure 9). For example, if the magnet turns clockwise from
position „x+3“ to „x+4“, the incremental output would also indicate this position accordingly. A change of the magnet’s rotational direction back to
position “x+3“ means that the incremental output still remains unchanged for the duration of 2 LSB, until position “x+2“ is reached. Following this
direction, the incremental outputs will again be updated with every change of the magnet position.
Figure 9. Hysteresis Window for Incremental Outputs
7.3 Pulse Width Modulation (PWM) Output
The AS5140H provides a pulse width modulated output (PWM), whose duty cycle is proportional to the measured angle:
Position =
(EQ 2)
The PWM frequency is internally trimmed to an accuracy of ±5% (±10% over full temperature range). This tolerance can be cancelled by
measuring the complete duty cycle as shown above.
R
ext
5k
Ω
Clockwise Direction
Counterclockwise Direction
X+1
X+2
X+3
X+4
X+5
X
Magnet Position
X
X+1
X+2
X+3
X+4
Hysteresis:
0.7º
Incremental
Output
Indication
t
on
1025
t
on
t
off
+
()
-------------------------
1


Similar Part No. - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140HASST AMSCO-AS5140HASST Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASSU AMSCO-AS5140HASSU Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
More results

Similar Description - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
List of Unclassifed Manufacturers
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
ams AG
ams AG
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz