Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AS5140H Datasheet(PDF) 18 Page - ams AG

Part No. AS5140H
Description  10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 18 Page - ams AG

Back Button AS5140H_04 Datasheet HTML 14Page - ams AG AS5140H_04 Datasheet HTML 15Page - ams AG AS5140H_04 Datasheet HTML 16Page - ams AG AS5140H_04 Datasheet HTML 17Page - ams AG AS5140H_04 Datasheet HTML 18Page - ams AG AS5140H_04 Datasheet HTML 19Page - ams AG AS5140H_04 Datasheet HTML 20Page - ams AG AS5140H_04 Datasheet HTML 21Page - ams AG AS5140H_04 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
www.austriamicrosystems.com/AS5140H
Revision 1.4
17 - 37
AS5140H
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 10. PWM Output Signal
7.4 Analog Output
An analog output may be generated by averaging the PWM signal, using an external active or passive lowpass filter. The analog output voltage
is proportional to the angle: 0º = 0V; 360º = VDD5V. Using this method, the AS5140H can be used as direct replacement of potentiometers.
Figure 11. Simple Passive 2
nd Order Lowpass Filter
R1,R2
4k7
C1,C2
1µF / 6V
(EQ 3)
R1 should be
≥4k7 to avoid loading of the PWM output. Larger values of Rx and Cx will provide better filtering and less ripple, but will also slow
down the response time.
Table 18. PWM Signal Parameters
Symbol
Parameter
Typ
Unit
Note
fPWM
PWM frequency
0.9756
kHz
Signal period: 1025µs
PWMIN
MIN pulse width
1
µs
- Position 0d
- Angle 0 deg
PWMAX
MAX pulse width
1024
µs
- Position 1023d
- Angle 359.65 deg
1025µs
1024µs
1/fPWM
PWMAX
PWMIN
359.65 deg
(Pos 1023)
0 deg
(Pos 0)
Angle
1µs
R1
R2
analog out
Pin12
PWM
Pin7
VSS
C1
C2
VDD
0V
360º


Similar Part No. - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140HASST AMSCO-AS5140HASST Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASSU AMSCO-AS5140HASSU Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
More results

Similar Description - AS5140H_04

ManufacturerPart No.DatasheetDescription
ams AG
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
List of Unclassifed Manufacturers
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
ams AG
ams AG
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz