Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5140H Datasheet(PDF) 2 Page - ams AG

Part # AS5140H
Description  10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5140H Datasheet(HTML) 2 Page - ams AG

  AS5140H_04 Datasheet HTML 1Page - ams AG AS5140H_04 Datasheet HTML 2Page - ams AG AS5140H_04 Datasheet HTML 3Page - ams AG AS5140H_04 Datasheet HTML 4Page - ams AG AS5140H_04 Datasheet HTML 5Page - ams AG AS5140H_04 Datasheet HTML 6Page - ams AG AS5140H_04 Datasheet HTML 7Page - ams AG AS5140H_04 Datasheet HTML 8Page - ams AG AS5140H_04 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
AS5140H
10-Bit 360º Programmable Magnetic Rotary Encoder For High
Ambient Temperatures
www.austriamicrosystems.com/AS5140H
Revision 1.4
1 - 37
Data Sheet
1 General Description
The AS5140H is a contactless magnetic rotary encoder for accurate
angular measurement over a full turn of 360º and over an extended
ambient temperature range of -40ºC to +150ºC.
It is a system-on-chip, combining integrated Hall elements, analog
front end and digital signal processing in a single device.
To measure the angle, only a simple two-pole magnet, rotating over
the center of the chip, is required. The magnet may be placed above
or below the IC.
The absolute angle measurement provides instant indication of the
magnet’s angular position with a resolution of 0.35º = 1024 positions
per revolution. This digital data is available as a serial bit stream and
as a PWM signal. Furthermore, a user-programmable incremental
output is available.
An internal voltage regulator allows the AS5140H to operate at either
3.3V or 5V supplies.
The AS5140H is pin-compatible to the AS5040; however it uses low-
voltage OTP programming cells with additional programming
options.
Figure 1. AS5140H IC Block Diagram
2 Key Features
Contactless high resolution rotational position encoding over a
full turn of 360º
Two digital 10-bit absolute outputs: Serial interface and Pulse
width modulated (PWM) output
Three incremental output modes: Quadrature A/B and Index
output signal, Step / Direction and Index output signal, 3-phase
commutation for brushless DC motors
User programmable zero / index position
Failure detection mode for magnet placement monitoring and
loss of power supply
Rotational speeds up to 10.000 rpm
Pushbutton functionality detects movement of magnet in Z-axis
Serial read-out of multiple interconnected AS5140H devices
using Daisy Chain mode
Fully automotive qualified to AEC-Q100, grade 0
Wide ambient temperature range: -40ºC to +150ºC
3 Applications
The AS5140H is an ideal solution for automotive applications like
engine compartment sensors, transmission gearbox encoder, throttle
valve position control and for industrial applications like rotary
sensors in high temperature environment.
DSP
Hall Array
&
Frontend
Amplifier
OTP
Register
Programming
Parameters
Absolute
Interface
(SSI)
Incremental
Interface
Sin
Cos
Ang
Mag
MagINCn
MagDECn
DO
PWM_LSB
CLK
A_LSB_U
B_Dir_V
Index_W
Prog
CSn
PWM
Interface
VDD5V
VDDV3V
LDO 3.3V
AS5140H


Similar Part No. - AS5140H_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5140HASST AMSCO-AS5140HASST Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140HASSU AMSCO-AS5140HASSU Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
More results

Similar Description - AS5140H_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5140H AMSCO-AS5140H Datasheet
988Kb / 37P
   10-Bit 360 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
AS5140H AMSCO-AS5140H_V01 Datasheet
1Mb / 55P
   10-Bit 360쨘 Programmable Magnetic Rotary Encoder For High Ambient Temperatures
2018-Feb-20
logo
List of Unclassifed Man...
AS5040-ASST ETC2-AS5040-ASST Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
logo
ams AG
AS5040 AMSCO-AS5040_09 Datasheet
1Mb / 34P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5040 AMSCO-AS5040_1 Datasheet
699Kb / 33P
   10Bit 360 Programmable Magnetic Rotary Encoder
AS5134 AMSCO-AS5134 Datasheet
1Mb / 29P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5132 AMSCO-AS5132 Datasheet
481Kb / 27P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5134 AMSCO-AS5134_04 Datasheet
2Mb / 33P
   360 Step Programmable High Speed Magnetic Rotary Encoder
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
   10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
   12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com