Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3103 Datasheet(PDF) 3 Page - ams AG

Part # TCS3103
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3103 Datasheet(HTML) 3 Page - ams AG

  TCS3103 Datasheet HTML 1Page - ams AG TCS3103 Datasheet HTML 2Page - ams AG TCS3103 Datasheet HTML 3Page - ams AG TCS3103 Datasheet HTML 4Page - ams AG TCS3103 Datasheet HTML 5Page - ams AG TCS3103 Datasheet HTML 6Page - ams AG TCS3103 Datasheet HTML 7Page - ams AG TCS3103 Datasheet HTML 8Page - ams AG TCS3103 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
2
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Detailed Description
The TCS3103 and TCS3104 devices output a voltage that is linearly proportional to light intensity in the spectral
range of interest on each of the three sensor channels. Figure 2 shows how each sensor responds to light of
various wavelengths. The peak response of each of the three channels roughly corresponds to blue, green, and
red portions of the visible light spectrum. Thus, when light impinges upon the three elements, each element
gives an output that corresponds to the blue, green, and red components of the light. By measuring the
amplitude and ratios of the three channels, information about the color of the light can be obtained.
Each channel responds linearly to light intensity from a range of near zero light to a maximum value that is
determined by the gain and the supply voltage of the device. The output of the device can swing from near
ground level to near the supply voltage of the device. The dark voltage, or output of the device with no light input,
is determined by internal amplifier offsets and is factory-trimmed to be a minimum value. If very accurate,
low-level light measurement is required, the dark voltage value for each channel can be measured and
subtracted from subsequent light readings to obtain a more accurate light measurement.
The Multifunction Pin (MFP) on each device can be used for selecting gain mode (Table 1).
Table 1. Device Programming Option
Device
Mode
Details
TCS3103
GSM (Gain Select Mode)
2
× (MFP = 0) or 4× (MFP = 1)
TCS3104
GSM (Gain Select Mode)
4
× (MFP = 0) or 1× (MFP = 1)
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
2
Power
Power supply ground. All voltages are referenced to GND.
MFP
3
I
Multi-function logic input.
VDD
1
Power
Supply voltage.
VOB
4
O
Blue channel voltage output.
VOG
5
O
Green channel voltage output.
VOR
6
O
Red channel voltage output.
Available Options
DEVICE
Gain
PACKAGE − LEADS
PACKAGE DESIGNATOR
ORDERING NUMBER
TCS3103
2
×, 4×
Dual Flat No-Lead − 6
FN
TCS3103FN
TCS3104
4
×, 1×
Dual Flat No-Lead − 6
FN
TCS3104FN


Similar Part No. - TCS3103

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
   LIGHT-TO-VOLTAGE COLOR SENSOR
logo
List of Unclassifed Man...
TCS3103 ETC2-TCS3103 Datasheet
755Kb / 13P
   The technical content of this TAOS datasheet is still valid.
TCS3103FN ETC2-TCS3103FN Datasheet
755Kb / 13P
   The technical content of this TAOS datasheet is still valid.
More results

Similar Description - TCS3103

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
   LIGHT-TO-VOLTAGE COLOR SENSOR
TRS1722 TAOS-TRS1722 Datasheet
129Kb / 10P
   HIGH SENSITIVITY REFLECTIVE COLOR SENSOR WITH LIGHTTOVOLTAGE CONVERTERS
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
STMicroelectronics
VM6101 STMICROELECTRONICS-VM6101 Datasheet
189Kb / 17P
   I짼C color light sensor
logo
Everlight Electronics C...
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
ams AG
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
TEXAS ADVANCED OPTOELEC...
TSL253R TAOS-TSL253R Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL254 AMSCO-TSL254 Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com