Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3104 Datasheet(PDF) 10 Page - ams AG

Part # TCS3104
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3104 Datasheet(HTML) 10 Page - ams AG

Back Button TCS3104 Datasheet HTML 5Page - ams AG TCS3104 Datasheet HTML 6Page - ams AG TCS3104 Datasheet HTML 7Page - ams AG TCS3104 Datasheet HTML 8Page - ams AG TCS3104 Datasheet HTML 9Page - ams AG TCS3104 Datasheet HTML 10Page - ams AG TCS3104 Datasheet HTML 11Page - ams AG TCS3104 Datasheet HTML 12Page - ams AG TCS3104 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
9
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
MANUFACTURING INFORMATION
The FN package has been tested and has demonstrated an ability to be reflow soldered to a PCB substrate.
The process, equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat exposure of components during the solder
reflow process of product on a PCB. Temperature is measured on top of component. The components should
be limited to a maximum of three passes through this solder reflow profile.
Table 2. TCS310x Solder Reflow Profile
PARAMETER
REFERENCE
TCS310x
Average temperature gradient in preheating
2.5
°C/sec
Soak time
tsoak
2 to 3 minutes
Time above 217
°C
t1
Max 60 sec
Time above 230
°C
t2
Max 50 sec
Time above Tpeak −10°C
t3
Max 10 sec
Peak temperature in reflow
Tpeak
260
°C
Temperature gradient in cooling
Max −5
°C/sec
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (sec)
Figure 9. TCS310x Solder Reflow Profile Graph


Similar Part No. - TCS3104

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3104 TAOS-TCS3104 Datasheet
169Kb / 12P
   LIGHT-TO-VOLTAGE COLOR SENSOR
logo
List of Unclassifed Man...
TCS3104 ETC2-TCS3104 Datasheet
755Kb / 13P
   The technical content of this TAOS datasheet is still valid.
More results

Similar Description - TCS3104

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
   LIGHT-TO-VOLTAGE COLOR SENSOR
TRS1722 TAOS-TRS1722 Datasheet
129Kb / 10P
   HIGH SENSITIVITY REFLECTIVE COLOR SENSOR WITH LIGHTTOVOLTAGE CONVERTERS
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
STMicroelectronics
VM6101 STMICROELECTRONICS-VM6101 Datasheet
189Kb / 17P
   I짼C color light sensor
logo
Everlight Electronics C...
CLS15-22C-L213G-TR8 EVERLIGHT-CLS15-22C-L213G-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
CLS15-22C-L213R-TR8 EVERLIGHT-CLS15-22C-L213R-TR8_15 Datasheet
910Kb / 11P
   RGB Color Light Sensor
logo
ams AG
TSL253R AMSCO-TSL253R Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
TSL253 AMSCO-TSL253 Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
TEXAS ADVANCED OPTOELEC...
TSL253R TAOS-TSL253R Datasheet
157Kb / 10P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
logo
ams AG
TSL254 AMSCO-TSL254 Datasheet
596Kb / 11P
   LIGHT-TO-VOLTAGE OPTICAL SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com