Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3210 Datasheet(PDF) 4 Page - ams AG

Part # TCS3210
Description  PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3210 Datasheet(HTML) 4 Page - ams AG

  TCS3210 Datasheet HTML 1Page - ams AG TCS3210 Datasheet HTML 2Page - ams AG TCS3210 Datasheet HTML 3Page - ams AG TCS3210 Datasheet HTML 4Page - ams AG TCS3210 Datasheet HTML 5Page - ams AG TCS3210 Datasheet HTML 6Page - ams AG TCS3210 Datasheet HTML 7Page - ams AG TCS3210 Datasheet HTML 8Page - ams AG TCS3210 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TCS3200, TCS3210
PROGRAMMABLE
COLOR LIGHT-TO-FREQUENCY CONVERTER
TAOS099A − AUGUST 2011
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, all inputs, VI
−0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA (see Note 2)
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range (see Note 2)
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Solder conditions in accordance with JEDEC J−STD−020A, maximum temperature (see Note 3)
260
°C
. . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltage values are with respect to GND.
2. Long-term storage or operation above 70
°C could cause package yellowing that will lower the sensitivity to wavelengths < 500nm.
3. The device may be hand soldered provided that heat is applied only to the solder pad and no contact is made between the tip of
the solder iron and the device lead. The maximum time heat should be applied to the device is 5 seconds.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
5
5.5
V
High-level input voltage, VIH
VDD = 2.7 V to 5.5 V
2
VDD
V
Low-level input voltage, VIL
VDD = 2.7 V to 5.5 V
0
0.8
V
Operating free-air temperature range, TA
−40
70
°C
Electrical Characteristics at TA = 25°C, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
4
4.5
V
VOL
Low-level output voltage
IOL = 2 mA
0.25
0.40
V
IIH
High-level input current
5
μA
IIL
Low-level input current
5
μA
I
Supply current
Power-on mode
1.4
2
mA
IDD
Supply current
Power-down mode
0.1
μA
S0 = H, S1 = H
500
600
kHz
Full-scale frequency (See Note 4)
S0 = H, S1 = L
100
120
kHz
Full scale frequency (See Note 4)
S0 = L, S1 = H
10
12
kHz
Temperature coefficient of responsivity
λ ≤ 700 nm, −25°C ≤ TA ≤ 70°C
±200
ppm/
°C
kSVS
Supply voltage sensitivity
VDD = 5 V ±10%
±0.5
%/ V
NOTE 4: Full-scale frequency is the maximum operating frequency of the device without saturation.


Similar Part No. - TCS3210

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3210 TAOS-TCS3210 Datasheet
165Kb / 14P
   COLOR LIGHT-TO-FREQUENCY CONVERTER
More results

Similar Description - TCS3210

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS230 TAOS-TCS230 Datasheet
196Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
TCS230 TAOS-TCS230_08 Datasheet
170Kb / 12P
   PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TCS230 ETC-TCS230 Datasheet
101Kb / 8P
   PROGRAMMABLE COLOR LIGHTTOFREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TCS3200 TAOS-TCS3200 Datasheet
165Kb / 14P
   COLOR LIGHT-TO-FREQUENCY CONVERTER
logo
Texas Instruments
TSL235 TI-TSL235 Datasheet
80Kb / 6P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
List of Unclassifed Man...
TSL235R ETC-TSL235R Datasheet
83Kb / 8P
   LIGHTTOFREQUENCY CONVERTER
logo
Texas Instruments
TSL220 TI-TSL220 Datasheet
156Kb / 10P
[Old version datasheet]   LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL235R AMSCO-TSL235R_V01 Datasheet
320Kb / 17P
   Light-to-Frequency Converter
2018-Apr-04
logo
TEXAS ADVANCED OPTOELEC...
TSL230R-LF TAOS-TSL230R-LF Datasheet
147Kb / 8P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
List of Unclassifed Man...
TSL230BRD-TR ETC2-TSL230BRD-TR Datasheet
636Kb / 15P
   PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com