Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9655EDTR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # PCA9655EDTR2G
Description  Remote 16-bit I/O Expander for I2C Bus with Interrupt
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9655EDTR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button PCA9655EDTR2G Datasheet HTML 2Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 3Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 4Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 5Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 6Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 7Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 8Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 9Page - ON Semiconductor PCA9655EDTR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PCA9655E
http://onsemi.com
6
Table 5. AC ELECTRICAL CHARACTERISTICS VDD = 1.65 V to 5.5 V; TA = −55°C to +125°C, unless otherwise specified.
Symbol
Parameter
Standard
Mode
Fast Mode
Fast Mode +
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL Clock Frequency
0
0.1
0
0.4
0
1.0
MHz
tBUF
Bus−Free Time between a STOP and START
Condition
4.7
1.3
0.5
ms
tHD:STA
Hold Time (Repeated) START Condition
4.0
0.6
0.26
ms
tSU:STA
Setup Time for a Repeated START Condition
4.7
0.6
0.26
ms
tSU:STO
Setup Time for STOP Condition
4.0
0.6
0.26
ms
tHD:DAT
Data Hold Time
0
0
0
ns
tVD:ACK
Data Valid Acknowledge Time (Note 8)
0.3
3.45
0.1
0.9
0.05
0.45
ms
tVD:DAT
Data Valid Time (Note 9)
300
50
50
450
ns
tSU:DAT
Data Setup Time
250
100
50
ns
tLOW
LOW Period of SCL
4.7
1.3
0.5
ms
tHIGH
HIGH Period of SCL
4.0
0.6
0.26
ms
tf
Fall Time of SDA and SCL (Notes 11 and 12)
300
20 + 0.1Cb
(Note 10)
300
120
ns
tr
Rise Time of SDA and SCL
1000
20 + 0.1Cb
(Note 10)
300
120
ns
tSP
Pulse Width of Spikes Suppressed by Input Filter
(Note 13)
50
50
50
ns
PORT TIMING: CL v 100 pF (See Figures 6, 9 and 10)
tV(Q)
Data Output Valid Time
(VDD = 4.5 V to 5.5 V)
(VDD = 2.3 V to 4.5 V)
(VDD = 1.65 V to 2.3 V)
200
350
550
200
350
550
200
350
550
ns
tSU(D)
Data Input Setup Time
100
100
100
ns
tH(D)
Data Input Hold Time
1
1
1
ms
INTERRUPT TIMING: CL v 100 pF (See Figures 9 and 10)
tV(INT_N)
Data Valid Time
4
4
4
ms
tRST(INT_N)
Reset Delay Time
4
4
4
ms
8. tVD:ACK = time for Acknowledgment signal from SCL LOW to SDA (out) LOW.
9. tVD:DAT = minimum time for SDA data out to be valid following SCL LOW.
10.Cb = total capacitance of one bus line in pF.
11. A master device must internally provide a hold time of al least 300 ns for the SDA signal (refer to VIL of the SCL signal) in order to bridge
the undefined region SCL’s falling edge.
12.The maximum tffor the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA output stage tfis specified at 250 ns.
This allows series protection resistors to be connected between the SDA and the SCL pins and the SDA/SCL bus lines without exceeding
the maximum specified tf.
13.Input filters on the SDA and SCL inputs suppress noise spikes less than 50 ns.


Similar Part No. - PCA9655EDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9655EDTR2G ONSEMI-PCA9655EDTR2G Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
PCA9655EDTR2G ONSEMI-PCA9655EDTR2G Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
More results

Similar Description - PCA9655EDTR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8575 PHILIPS-PCA8575 Datasheet
179Kb / 30P
   Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 01-30 November 2006
PCA8575 NXP-PCA8575 Datasheet
190Kb / 30P
   Remote 16-bit I/O expander for I2C-bus with interrupt
Rev. 02-21 March 2007
PCA9675 PHILIPS-PCA9675 Datasheet
197Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCA9675 NXP-PCA9675 Datasheet
207Kb / 34P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt
Rev. 01-1 February 2007
PCF8574T-3.518 NXP-PCF8574T-3.518 Datasheet
800Kb / 33P
   Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 5-27 May 2013
PCA8574 NXP-PCA8574 Datasheet
159Kb / 27P
   Remote 8-bit I/O expander for I2C-bus with interrupt
Rev. 02-14 May 2007
PCA9673 PHILIPS-PCA9673 Datasheet
199Kb / 33P
   Remote 16-bit I/O expander for Fm I2C-bus with interrupt and reset
Rev. 01-1 February 2007
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
   Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
PCA9674 NXP-PCA9674 Datasheet
185Kb / 32P
   Remote 8-bit I/O expander for Fm I2C-bus with interrupt
Rev. 05-15 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com